Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPD-45B Datasheet(PDF) 2 Page - CUI INC

Part # VPD-45B
Description  45W 1~3 Output Switching Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VPD-45B Datasheet(HTML) 2 Page - CUI INC

  VPD-45B Datasheet HTML 1Page - CUI INC VPD-45B Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
•
VPD-45B 45W 1~3 Output Switching Supply
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258
I/P
FG
EMI
Filter
Rectifiers
& Filter
Power
Switching
Rectifiers
& Filter
O.L.P.
PWM
Control
O.V.P.
+5V
Com
fosc: 65KHz
Circuit
Detection
Rectifiers
& Filter
+V
0
10
20304050
60 (Horizontal)
-10
20
40
60
80
100
Ambient Temp. (ºC)
240
200
160
120
80
4.0
4.2
4.4
4.6
4.8
5.0
5.2
Input Voltage (V) 60Hz
260
220
180
140
100
60
25
50
100
150
200
250
300
Model: PD-45A
Ta=25ºC
9
7
6
8
11
10
12
+12V
+5V
+12V
+5V
5.6
115.8
127
4-¿3.8
AC/N
AC/L
CN1
FG
1
6
CN2
Terminal Pin No. Assignment
CN1: MOLEX 5277-02
PIN 1,2: AC INPUT
CN2: MOLEX 5273-06
PIN 1: DC OUTPUT +V
PIN 2,3: DC OUTPUT +5V
PIN 4,5: DC OUTPUT COM
PIN 6: DC OUTPUT N.C.
Mating Connectors
CN1,2 Mating Connector type
Molex 5195 and 5239 series
or equivalent with Molex
5194 and 5225 or equivalent
crimp terminals.
M2
M1
Block Diagram
Output Derating
Static Characteristics
Dimensions (mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com