Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPD-110B Datasheet(PDF) 2 Page - CUI INC

Part # VPD-110B
Description  100W 2, 4 Output Switching Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VPD-110B Datasheet(HTML) 2 Page - CUI INC

  VPD-110B Datasheet HTML 1Page - CUI INC VPD-110B Datasheet HTML 2Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
•
VPD-110B 100W 2, 4 Output Switching Supply
V-Infinity, LLC, 9615 SW Allen Blvd Suite 103, Beaverton, OR 97005
www.v-infinity.com
1-866-372-1258
I/P
FG
EMI
Filter
Rectifiers
& Filter
Power
Switching
Rectifiers
& Filter
O.L.P.
PWM
Control
O.V.P.
V1
Com
fosc: 45KHz
Circuit
Detection
Rectifiers
& Filter
V2
& Filter
Rectifiers
V3
Regulator
0
10
20304050
60 (Horizontal)
-10
20
40
60
80
100
Ambient Temp. (ºC)
17CFM Forced Air Cooling (20cm)
Natural Convection Cooling
-10
0
240
200
160
120
100
4.0
4.2
4.4
4.6
4.8
5.0
5.2
Input Voltage (V) 60Hz
260
220
180
140
110
90
25
50
100
150
200
250
300
Model: PD-110A
Ta=25ºC
10
8
7
9
12
11
13
165.1
177.8
4-¿3.96
1
3
5
CN1
CN2
1
12
+5V Adj.
T4A/250V
Terminal Pin No. Assignment
CN1: MOLEX 5273-05
PIN 3,5: AC INPUT
PIN 1: FG
CN2: MOLEX 5273-12
PIN 1,2,3: DC OUTPUT V1
PIN 4,5,6,7: DC OUTPUT COM
PIN 8,9,10: DC OUTPUT V2
PIN 11,12: DC OUTPUT V3 OPTION
Mating Connectors
CN1,2 Mating Connector Type
Molex 5195 Series or equivalent with
Molex 5194 or equivalent
crimp terminals.
Model/Pin No.
PD-110A
PD-110B
1,2,3
+5V
+5V
8,9,10
+12V
+24V
Block Diagram
Output Derating
Static Characteristics
Dimensions (mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com