Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPF-S500 Datasheet(PDF) 3 Page - CUI INC

Part # VPF-S500
Description  Switching Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VPF-S500 Datasheet(HTML) 3 Page - CUI INC

  VPF-S500 Datasheet HTML 1Page - CUI INC VPF-S500 Datasheet HTML 2Page - CUI INC VPF-S500 Datasheet HTML 3Page - CUI INC VPF-S500 Datasheet HTML 4Page - CUI INC VPF-S500 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VPF-S500 Switching Power Supply
Rev. 12-2006
3 / 5
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
General and Safety
Parameter
Conditions/Description
Min
Nom
Max
Units
Operating temp.
Derates linearly from 100% load at 50 ºC to 50%
0
50
ºC
load at 70 ºC.
Optional operating
Derates linearly from 100% load at 50 ºC to 37.5%
-40
75
ºC
temp.
load at 75ºC.
Storage temp.
-20
85
ºC
Optional storage
-40
85
ºC
temp.
Operating humid.
Non-condensing
5%
90%
RH
Storage humid.
Non-condensing
5%
95%
RH
EMI
Pass FCC Part 15 Subject J Class B, CISPR 22 class B, CE Mark
Safety
UL60950-1 (E222889), CSA C22.2 No. 950-95, TUV EN60950 and CB
Leakage Current
at 264 VAC
3.5
mA
Isolation Voltage
Applied for 3 seconds
(HI-POT)
Primary to secondary:
3000
VAC
Primary to transformer core:
1500
VAC
Primary to earth ground:
1500
VAC
Grounding Test
Allowable resistance measured when 25 A current is
0.1
Ohm
applied from the ground pin of the three prong plug
to the farthest earthed connection point.
Warranty
Standard warranty length
2
years
MTBF
According to MIL-HDBK-217 at 30 ºC
150,000
hours
Burn-in
Full load, at 45 +/- 5 ºC, 230 VAC. Burn-in for
1
8
hours
up to 8 hours in early productions. Time
reduced gradually as product matures.
Note: Customer must specify extended temperature on PO.
Mechanical
Parameter
Conditions/Description
Min
Nom
Max
Units
Weight
1450
grams
Enclosure
8.00(L) x 4.33(W) x 2.56(H)
inches
Mounting holes
Two sets of 8 threaded mounting holes available on the enclosure
B: 6-32, maximum insertion depth of 0.2 inches.
C: M4, maximum insertion depth of 0.2 inches.
Input Connector - (CN1)
Parameter
Conditions/Description
AC input (Option 1)
Molex Part No. 26-48-1201 or similar (5 pin).
Suggested mating plug: Molex Part No. 09-91-0500 or equivalent (5 pin, 3 used)
AC Input (Option 2)
Howder Terminal block Part No. HD-121-3P (3 pin, M3 Screw) 9.5mm spacing
Suggested mating connector:
Molex 19198-0045 or similar
Note: Input connector needs to be specified on the PO.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com