Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPF-S600 Datasheet(PDF) 1 Page - CUI INC

Part # VPF-S600
Description  Switching Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VPF-S600 Datasheet(HTML) 1 Page - CUI INC

  VPF-S600 Datasheet HTML 1Page - CUI INC VPF-S600 Datasheet HTML 2Page - CUI INC VPF-S600 Datasheet HTML 3Page - CUI INC VPF-S600 Datasheet HTML 4Page - CUI INC VPF-S600 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VPF-S600 Switching Power Supply
Rev. 12-2006
1 / 5
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Preset
Output Current
Ripple & Noise 7, 8
Model1
Voltage
Output2, 3, 4
Minimum
Maximum
Max. Power5, 6 Regulation7
(Vpp)
VPF-S600-03R(I)
3.3V
2 - 3.3 V
0 A
90 A
297 W
+/- 1%
50 mV
VPF-S600-05R(I)
5V
5 - 6 V
0 A
90 A
450 W
+/- 1%
50 mV
VPF-S600-12R(I)
12V
12 - 15 V
0 A
50 A
600 W
+/- 1%
1%
VPF-S600-16R(I)
16V
16 - 21 V
0 A
37.5 A
600 W
+/- 1%
1%
VPF-S600-24R(I)
24V
22 - 30 V
0 A
27.27 A
600 W
+/- 1%
1%
VPF-S600-36R(I)
36V
31 - 47 V
0 A
19.35 A
600 W
+/- 1%
1%
VPF-S600-48R(I)
48V
48 - 56 V
0 A
12.5 A
600 W
+/- 1%
1%
Features
·Built-in active PFC function
·Short Circuit, overload, over voltage,
over temperature protected
·Current Sharing (Available)
·Current Monitoring
·Power Good Signal
·Built-in Remote Inhibit
·Built-in Remote Sense
·Extended temperature range: -40 ~ +75 ºC
available
Notes:
1 Adding “I” Indicates Current sharing model.
2 Customer must specify output voltage.
3 Output is fully isolated.
4 Output voltage is measured at output power connector.
5 Provides peak power of 900 W within 500 µS for all models. For longer duty duration please contact us.
6 Must use external forced airflow min. 30 CFM to achieve maximum power.
7 1% minimum load is required to maintain the ripple and regulation.
8 Ripple and noise is measured from 10 KHz to 20 MHz at output terminals with a 0.1 µF ceramic capacitor and
a 22 µF electrolytic capacitor in parallel.


Similar Part No. - VPF-S600

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPF-S200-03RI CUI-VPF-S200-03RI Datasheet
184Kb / 5P
switching power supply
VPF-S200-05RI CUI-VPF-S200-05RI Datasheet
184Kb / 5P
switching power supply
VPF-S200-12RI CUI-VPF-S200-12RI Datasheet
184Kb / 5P
switching power supply
VPF-S200-24RI CUI-VPF-S200-24RI Datasheet
184Kb / 5P
switching power supply
VPF-S200-36RI CUI-VPF-S200-36RI Datasheet
184Kb / 5P
switching power supply
More results

Similar Description - VPF-S600

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
Switching Power Supply
logo
CUI INC
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
SWITCHING POWER SUPPLY
EPSA120200U CUI-EPSA120200U Datasheet
241Kb / 5P
SWITCHING POWER SUPPLY
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
SWITCHING POWER SUPPLY
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com