Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V53C16258HT40 Datasheet(PDF) 7 Page - Mosel Vitelic, Corp

Part # V53C16258HT40
Description  HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM OPTIONAL SELF REFRESH
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V53C16258HT40 Datasheet(HTML) 7 Page - Mosel Vitelic, Corp

Back Button V53C16258HT40 Datasheet HTML 3Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 4Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 5Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 6Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 7Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 8Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 9Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 10Page - Mosel Vitelic, Corp V53C16258HT40 Datasheet HTML 11Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
MOSEL VITELIC
V53C16258H
V53C16258H Rev. 3.8 November 1999
Notes:
1.
ICC is dependent on output loading when the device output is selected. Specified ICC (max.) is measured with the
output open.
2.
ICC is dependent upon the number of address transitions. Specified ICC (max.) is measured with a maximum of two
transitions per address cycle in EDO Page Mode.
3.
Specified VIL (min.) is steady state operating. During transitions, VIL (min.) may undershoot to –1.0 V for a period
not to exceed 20 ns. All AC parameters are measured with VIL (min.) ≥ VSS and VIH (max.) ≤ VCC.
4.
tRCD (max.) is specified for reference only. Operation within tRCD (max.) limits insures that tRAC (max.) and tCAA
(max.) can be met. If tRCD is greater than the specified tRCD (max.), the access time is controlled by tCAA and tCAC.
5.
Either tRRH or tRCH must be satisified for a Read Cycle to occur.
6.
Measured with a load equivalent to one TTL input and 50 pF.
7.
Access time is determined by the longest of tCAA, tCAC and tCAP.
8.
Assumes that tRAD ≤ tRAD (max.). If tRAD is greater than tRAD (max.), tRAC will increase by the amount that tRAD
exceeds tRAD (max.).
9.
Assumes that tRCD ≤ tRCD (max.). If tRCD is greater than tRCD (max.), tRAC will increase by the amount that tRCD
exceeds tRCD (max.).
10.
Assumes that tRAD ≥ tRAD (max.).
11.
Operation within the tRAD (max.) limit ensures that tRAC (max.) can be met. tRAD (max.) is specified as a reference
point only. If tRAD is greater than the specified tRAD (max.) limit, the access time is controlled by tCAA and tCAC.
12.
tWCS, tRWD, tAWD and tCWD are not restrictive operating parameters.
13.
tWCS (min.) must be satisfied in an Early Write Cycle.
14.
tDS and tDH are referenced to the latter occurrence of CAS or WE.
15.
tT is measured between VIH (min.) and VIL (max.). AC-measurements assume tT = 3 ns.
16.
Assumes a three-state test load (5 pF and a 500 Ohm Thevenin equivalent).
17.
An initial 200
µs pause and 8 RAS-containing cycles are required when exiting an extended period of bias without
clocks. An extended period of time without clocks is defined as one that exceeds the specified Refresh Interval.
18.
One CBR refresh or complete set of row refreah cycles must be completed upon exiting Self Refreah Mode.
54
tOEP
OE High Pulse Width
4
5
8
10
10
10
ns
55
tT
Transition Time (Rise and Fall)
1.5
50
1.5
50
1.5
50
1.5
50
1.5
50
1.5
50
ns
15
56
tREF
Refresh Interval (512 Cycles)
8
8
8
8
8
8
ms
17
Optional Self Refresh
57
tRASS
RAS Pulse Width During Self
Refresh
100
100
100
100
100
100
µs
18
58
tRPS
RAS Precharge Time During
Self Refresh
100
100
100
100
100
100
ns
18
59
tCHS
CAS Hold Time Width During
Self Refresh
100
100
100
100
100
100
ns
18
60
tCHD
CAS Low Time During Self
Refresh
100
100
100
100
100
100
µs
18
#
Symbol
Parameter
25
(100 MHz)
30
35
40
45
50
Unit Notes
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
AC Characteristics (Cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com