Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST95010M3TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST95010M3TR
Description  4K/2K/1K Serial SPI EEPROM with Positive Clock Strobe
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95010M3TR Datasheet(HTML) 5 Page - STMicroelectronics

  ST95010M3TR Datasheet HTML 1Page - STMicroelectronics ST95010M3TR Datasheet HTML 2Page - STMicroelectronics ST95010M3TR Datasheet HTML 3Page - STMicroelectronics ST95010M3TR Datasheet HTML 4Page - STMicroelectronics ST95010M3TR Datasheet HTML 5Page - STMicroelectronics ST95010M3TR Datasheet HTML 6Page - STMicroelectronics ST95010M3TR Datasheet HTML 7Page - STMicroelectronics ST95010M3TR Datasheet HTML 8Page - STMicroelectronics ST95010M3TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AI01272
HOLD
S
W
Control Logic
High Voltage
Generator
I/O Shift Register
Address Register
and Counter
Data
Register
16 Bytes
X Decoder
Block
Protect
C
D
Q
Status
Figure 5. Block Diagram
During a write to the memory operation to the
memory array, all bits BP1, BP0, WEL, WIP are
valid and can be read. During a write to the status
register, only the bits WEL and WIP are valid and
can be read. The values of BP1 and BP0 read at
that time correspond to the previouscontents of the
status register.
The Write-In-Process (WIP) read-only bit indicates
whether the Memory is busy with a write operation.
When set to a ’1’ a write is in progress, when set to
a ’0’ no write is in progress.
The Write Enable Latch (WEL) read-only bit indi-
cates the status of the write enable latch. When set
to a ’1’ the latch is set, when set to a ’0’ the latch is
reset. The Block Protect (BP0 and BP1) bits indi-
cate the extent of the protection employed. These
bits are set by the user issuing the WRSR instruc-
tion. These bits are non-volatile.
5/18
ST95040, ST95020, ST95010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com