Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASC1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MASC1
Description  1.6mm 2 Pin Ceramic Surface Mount Crystal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MASC1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MASC1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M Series
1.6mm 2 Pin Ceramic Surface Mount Crystal
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
M A 32 C 1 - 30.000MHz
Package
M= 1.6mm max. ht. / 2 Pad Ceramic SMD
Mode of Operation
1=Fundamental
Tolerance/Stability
3=Third Overtone
A=±50/100
Operating Temperature Range
B=±50/50
C=0°C to 70°C
C=±30/50
E=-20°C to 70°C
D=±30/30
F=-40°C to 85°C
Load Capacitance
S=Series, XX=XXpF (Pico Farads)
Frequency Range
3.500MHz to 30.000MHz
Frequency Tolerance/Stability
A, B, C, D
See above for details!
Other Combinations Available. Contact Factory for Custom Specifications.
Operating Temperature Range
“C” Option, “E” Option, “F” Option
-30°C to 70°C
Storage Temperature Range
-55°C to 125°C
Load Capacitance
“S” Option
“XX” Option
Series
8pF to 50pF
Insulation Resistance
500 Megaohms Minimum at 100Vdc
Drive Level
500uW Maximum, 100uW correlation
ELECTRICAL SPECIFICATIONS
Revision: 1995-B
Aging @ 25°C
±5ppm / year Maximum
Shunt Capacitance
7pF Maximum
EQUIVALENT SERIES RESISTANCE (ESR)
Frequency Range (MHz)
ESR (ohms)
Mode / Cut
3.500 to 3.000
300
Fundamental / AT
4.000 to 7.999
200
Fundamental / AT
8.000 to 9.999
100
Fundamental / AT
20.000 to 30.000
80
Fundamental / AT
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
MECHANICAL DIMENSIONS
Marking Guide
1
7.00 +0.30
−0.20
5.08 ±0.20
2.54 ±0.20
5.0
±0.20
2
1
2
Pad Connection
1 Crystal In
2 Crystal Out
1.6mm Max
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant
16.000M
CEIYM
16.000M= Frequency
CEI = Caliber Electronis Inc.
YM = Date Code (Yr./Mth)


Similar Part No. - MASC1

ManufacturerPart #DatasheetDescription
logo
LEMO Connectors
MAS.V04.GEZ.ZGZ LEMO-MAS.V04.GEZ.ZGZ Datasheet
80Kb / 2P
M - Rugged Ratchet coupling
logo
CUI INC
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
absolute encoder
logo
Micro Analog systems
MAS1016 MAS-MAS1016 Datasheet
109Kb / 6P
AM Receiver IC
MAS1016ATB1 MAS-MAS1016ATB1 Datasheet
109Kb / 6P
AM Receiver IC
MAS1016ATC1 MAS-MAS1016ATC1 Datasheet
109Kb / 6P
AM Receiver IC
More results

Similar Description - MASC1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LFA32C1 ETC2-LFA32C1 Datasheet
34Kb / 1P
1.7mm 2 Pin Ceramic Surface Mount Crystal
LF10A32C1 ETC2-LF10A32C1 Datasheet
41Kb / 1P
1.2mm 2 Pin Ceramic Surface Mount Crystal
logo
Ecliptek Corporation
ECCM61 ECLIPTEK-ECCM61 Datasheet
441Kb / 2P
CERAMIC SURFACE MOUNT CRYSTAL
logo
List of Unclassifed Man...
NA32C1 ETC2-NA32C1 Datasheet
40Kb / 1P
2.0mm 4 Pin Ceramic Surface Mount Crystal
NCA32C1 ETC2-NCA32C1 Datasheet
38Kb / 1P
2.0mm 4 Pin Ceramic Surface Mount Crystal
logo
Caliber Electronics Inc...
LFA32C1 CALIBER-LFA32C1 Datasheet
39Kb / 1P
1.7mm 2 Pin Ceramic Surface Mount Crystal
LF10 CALIBER-LF10 Datasheet
46Kb / 1P
1.2mm 2 Pin Ceramic Surface Mount Crystal
MA32C1 CALIBER-MA32C1 Datasheet
54Kb / 1P
1.6mm 2 Pin Ceramic Surface Mount Crystal
NA32C1 CALIBER-NA32C1 Datasheet
46Kb / 1P
2.0mm 4 Pin Ceramic Surface Mount Crystal
NCA32C1 CALIBER-NCA32C1 Datasheet
43Kb / 1P
2.0mm 4 Pin Ceramic Surface Mount Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com