Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VPF-S800 Datasheet(PDF) 4 Page - CUI INC

Part # VPF-S800
Description  Switching Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VPF-S800 Datasheet(HTML) 4 Page - CUI INC

  VPF-S800 Datasheet HTML 1Page - CUI INC VPF-S800 Datasheet HTML 2Page - CUI INC VPF-S800 Datasheet HTML 3Page - CUI INC VPF-S800 Datasheet HTML 4Page - CUI INC VPF-S800 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
VPF-S800-XXR(I)-N Switching Power Supply
Rev. 04-2007
4 / 5
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Output Connector - (CN2)
Parameter
Conditions/Description
Output (Option 1)
Molex Part No. 26-48-1201 or similar.(20 pin)
Output pin assignment, VO+ (Pins 1-10), VO- (Pins 11-20)
Suggested mating connector:
Molex Part No. 09-91-2000, contact:08-50-0106 or similar.
Output (Option 2)
Howder Terminal block Part No. HD-121-8P (8 pin, M3.5 Screw) 9.5mm spacing
Output pin assignment, VO+ (Pins 1-4), VO- (Pins 5-8)
Suggested mating connector:
Molex 19198-0045 or similar.
Note: Output connector needs to be specified on the PO.
Logic Connector - (CN3)
Parameter
Conditions/Description
Logic
JS B7B-XH-A
Suggested mating connector:
JST XHP-7 or equivalent , Contact: SXH-001T-P0.6.
Pin Assignments:
1. CMN - Current Monitoring
2. CSH - Current Sharing
3. RTN - Return / Output Ground
4. PG - Power Good Signal
5. RSW - (Remote On-Off / Remote Inhibit)
6. RS(-) - Remote Sense
7. RS(+) - Remote Sense
Fan
JST B2B-XH-A
Suggested mating connector:
JST XHP-2 or equivalent, Contact: SXH-001T-P0.6.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com