Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC44F19YML Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC44F19YML
Description  6A High Speed MOSFET Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC44F19YML Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC44F19YML Datasheet HTML 5Page - Micrel Semiconductor MIC44F19YML Datasheet HTML 6Page - Micrel Semiconductor MIC44F19YML Datasheet HTML 7Page - Micrel Semiconductor MIC44F19YML Datasheet HTML 8Page - Micrel Semiconductor MIC44F19YML Datasheet HTML 9Page - Micrel Semiconductor MIC44F19YML Datasheet HTML 10Page - Micrel Semiconductor MIC44F19YML Datasheet HTML 11Page - Micrel Semiconductor MIC44F19YML Datasheet HTML 12Page - Micrel Semiconductor MIC44F19YML Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Micrel, Inc.
MIC44F18/19/20
January 2007
10
M9999-011207
Application Information
Power Dissipation Considerations
Power dissipation in the driver can be separated into two
areas:
•
Output driver stage dissipation
•
Quiescent current dissipation used to supply the
internal logic and control functions.
Output Driver Stage Power Dissipation
Power dissipation in the output driver stage is mainly
caused by charging and discharging the gate to source
and gate to drain capacitance of the external MOSFET.
Figure 4 shows a simplified equivalent circuit of the
MIC44F18 driving an external MOSFET.
Figure 4. Output Driver Stage Power Dissipation
Dissipation During the External MOSFET Turn-On
Energy from capacitor CVDD is used to charge up the input
capacitance of the MOSFET (CGD and CGS). The energy
delivered to the MOSFET is dissipated in the three
resistive components, RON, RG and RG_FET. RON is the on
resistance of the upper driver MOSFET in the MIC44F18.
RG is the series resistor (if any) between the driver IC and
the MOSFET. RG_FET is the gate resistance of the
MOSFET. RG_FET is usually listed in the power MOSFET’s
specifications. The ESR of capacitor CB and the resistance
of the connecting etch can be ignored since they are much
less than RON and RG_FET.
The effective capacitance of CGD and CGS is difficult to
calculate since they vary non-linearly with ID, VGS, and VDS.
Fortunately, most power MOSFET specifications include a
typical graph of total gate charge vs. VGS. Figure 5 shows
a typical gate charge curve for an arbitrary power
MOSFET. This illustrates that for a gate voltage of 10V,
the MOSFET requires about 23.5nC of charge. The energy
dissipated by the resistive components of the gate drive
circuit during turn-on is calculated as:
MOSFET
the
of
e
capacitanc
gate
total
the
is
Ciss
Qg
1/2
E
so
V
C
Q
but
2
2
1
where
V
V
Ciss
E
GS
GS
×
×
=
×
=
×
×
=
Figure 5. GATE Charge
The same energy is dissipated by ROFF, RG and RG_FET
when the driver IC turns the MOSFET off. Assuming Ron
is approximately equal to ROFF, the total energy and power
dissipated by the resistive drive elements is:
S
GS
G
DRIVER
GS
G
DRIVER
f
V
Q
P
and
V
Q
E
×
×
=
×
=
Where
EDRIVER is the energy dissipated per switching
power
PDRIVER is the power dissipated by switching the
MOSFET on and off
QG is the total GATE charge at VGS
VGS is the GATE to SOURCE voltage on the
MOSFET
fS is the switching frequency of the GATE drive
circuit
The power dissipated inside the MIC4100/4101 is equal to
the ratio of RON & ROFF to the external resistive losses in
RG and RG_FET. Letting RON = ROFF, the power dissipated in
the MIC44F18 due to driving the external MOSFET is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com