Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC841 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC841
Description  Comparator with Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC841 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC841 Datasheet HTML 1Page - Micrel Semiconductor MIC841 Datasheet HTML 2Page - Micrel Semiconductor MIC841 Datasheet HTML 3Page - Micrel Semiconductor MIC841 Datasheet HTML 4Page - Micrel Semiconductor MIC841 Datasheet HTML 5Page - Micrel Semiconductor MIC841 Datasheet HTML 6Page - Micrel Semiconductor MIC841 Datasheet HTML 7Page - Micrel Semiconductor MIC841 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIC841/2
Micrel
MIC841/2
4
January 2005
Absolute Maximum Ratings(1)
Supply Voltage (V
DD) ..................................... –0.3V to +7V
Input Voltage (V
INP) ...................................................... +7V
Output Current (I
OUT) ................................................. 20mA
Storage Temperature (T
S) ....................... –65°C to +150°C
ESD Rating, Note 3 ...................................................... 1kV
Operating Ratings(2)
Supply Voltage (V
DD) .................................. +1.5V to +5.5V
Input Voltage (V
INP) ......................................... –0.3V to 6V
Ambient Temperature Range (T
A) ............. –40°C to +85°C
Junction Temperature (T
J) ....................... Internally Limited
Package Thermal Resistance (θJA) ...................... 450°C/W
Electrical Characteristics(4)
1.5V ≤ VDD ≤ 5.5V; TA = +25°C, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
DD
Supply Current
output not asserted
1.5
3
µA
I
INP
Input Leakage Current
0.005
10
nA
V
REF
Reference Voltage
0°C to 85°C
1.225
1.240
1.256
V
–40°C to 85°C
1.219
1.240
1.261
V
V
HYST
Hysteresis Voltage, (Note 5)
MIC842 only
8
20
35
mV
t
D
Propagation Delay
V
INP = 1.352V to 1.128V
12
µs
V
INP = 1.143V to 1.367V
8
µs
V
OUT
Output Voltage-Low
I
SINK = 1.6mA, VDD ≥ 1.6V
0.05
0.3
V
(Note 6)I
SINK = 100µA, VDD ≥ 1.2V
0.005
0.4
V
Output Voltage-High
I
SOURCE = 500µA, VDD ≥ 1.6V
0.99V
DD
V
I
SOURCE = 50µA, VDD ≥ 1.2V
0.99V
DD
V
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4.
Specification for packaged product only.
5.
V
HTH = VREF + VHYST.
6.
V
DD operating range is 1.5V to 5.5V. Output is guaranteed to be de-asserted down to VDD = 1.2V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com