Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC44F20YML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC44F20YML
Description  6A High Speed MOSFET Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC44F20YML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC44F20YML Datasheet HTML 1Page - Micrel Semiconductor MIC44F20YML Datasheet HTML 2Page - Micrel Semiconductor MIC44F20YML Datasheet HTML 3Page - Micrel Semiconductor MIC44F20YML Datasheet HTML 4Page - Micrel Semiconductor MIC44F20YML Datasheet HTML 5Page - Micrel Semiconductor MIC44F20YML Datasheet HTML 6Page - Micrel Semiconductor MIC44F20YML Datasheet HTML 7Page - Micrel Semiconductor MIC44F20YML Datasheet HTML 8Page - Micrel Semiconductor MIC44F20YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
MIC44F18/19/20
January 2007
2
M9999-011207
Ordering Information
Part Number
Marking
Configuration
Junction
Temp. Range
Package
Lead
Finish
MIC44F18YML
D12
Non-Inverting
–40
°C to 125°C
2x2 MLF-8
Pb-Free
MIC44F18YMME
Non-Inverting
–40
°C to 125°C
ePAD MSOP-8
Pb-Free
MIC44F19YML
D13
Inverting Output high when disabled
–40
°C to 125°C
2x2 MLF-8
Pb-Free
MIC44F19YMME
Inverting Output high when disabled
–40
°C to 125°C
ePAD MSOP-8
Pb-Free
MIC44F20YML
D14
Inverting Output low when disabled
–40
°C to 125°C
2x2 MLF-8
Pb-Free
MIC44F20YMME
Inverting Output low when disabled
–40
°C to 125°C
ePAD MSOP-8
Pb-Free
Note: Over bar symbol may not be to scale.
Pin Configuration
IN
EN/UVLO
5
4
OUT
VDD
NC
OUT
GND
GND
8
7
6
1
2
3
EP
IN
EN/UVLO
4
OUT
VDD
NC
OUT
GND
GND
8
7
6
1
2
3
5
EP
8-Pin ePAD MSOP (MME)
8-Pin MLF (ML)
Pin Description
Pin Number
Pin Name
Pin Function
1,8
OUT
Driver Output
2
VDD
Supply Input
3
NC
No Connect
4
IN
Input (Input): Logic high produces a high output voltage for the MIC44F18 and a low
output voltage for the MIC44F19/20. Logic low produces a low output voltage for the
MIC44F18 and a high output voltage for the MIC44F19/20.
5
EN/UVLO
EN / Under-Voltage Lockout (Input): Pulling this pin below low disables the driver.
When disabled, the output is in the off state (low for the MIC44F18/20 and high for
the MIC44F19). Floating this pin enables the driver and the UVLO circuitry when VDD
reaches the UVLO threshold. A resistor divider can set a different UVLO threshold
voltage as shown on page 1 (See “Application Information” section for more details).
6,7
GND
Ground
EP
GND
Ground. Exposed Backside Pad.
Logic Table
EN/UVLO
IN
MIC44F18
OUTPUT
MIC44F19
OUTPUT
MIC44F20
OUTPUT
0
0
LOW
HI
LOW
0
1
LOW
HI
LOW
1
0
LOW
HI
HI
1
1
HI
LOW
LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com