Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2145 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2145
Description  High Efficiency 2.5W Boost Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2145 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2145 Datasheet HTML 1Page - Micrel Semiconductor MIC2145 Datasheet HTML 2Page - Micrel Semiconductor MIC2145 Datasheet HTML 3Page - Micrel Semiconductor MIC2145 Datasheet HTML 4Page - Micrel Semiconductor MIC2145 Datasheet HTML 5Page - Micrel Semiconductor MIC2145 Datasheet HTML 6Page - Micrel Semiconductor MIC2145 Datasheet HTML 7Page - Micrel Semiconductor MIC2145 Datasheet HTML 8Page - Micrel Semiconductor MIC2145 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
April 2005
3
M9999-042205
MIC2145
Micrel, Inc.
Electrical Characteristics (Note 6)
V
DD = 10V, VOUT = 10V, IOUT = 100mA; TJ =25°C, unless otherwise noted, bold values indicate –40°C ≤ TJ ≤ 125°C.
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage
2.4
16
V
Shutdown Current
EN = 0.3V, V
DD = 10V, VFB=1.35V
0.5
5
µA
Quiescent Current
EN = V
DD, VDD = 10V, VFB = 1.35V
200
300
µA
Feedback Voltage Reference
(±2%)
1.058
1.08
1.102
V
(±3%)
1.048
1.112
V
Comparator Hysteresis
18
mV
Feedback Input Current
V
FB=1.35V
40
nA
Peak Current Limit
R
SET=200Ω, VDD = 3.6V, Note 4
0.8
A
R
SET=1kΩ, VDD = 10V, Note 4
0.9
A
Current Limit Comparator
500
ns
Propagation Delay
Switch On-Resistance
I
SW = 150mA, VDD = 3.0V
500
750
mΩ
I
SW = 1.2A, VDD = 10V
250
400
mΩ
Maximum Off Time
1000
ns
Enable Input Voltage
Logic Low (turn-off)
1.1
0.7
V
Logic High (turn-on)
1.5
1.1
V
Enable Input Current
V
EN = 0V
–1
0.01
1
µA
V
EN = 2V
–1
0.01
1
µA
Soft Start Current
V
EN = 2V, VDD=3.0V
–8
–12
–16
µA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5KΩ in series with 100pF.
Note 4.
The current is measured in a DC mode. Actual peak switching current will be higher due to internal propagation delay of the circuit.
Note 5.
V
EN ≤ VDD.
Note 6.
Specification for packaged product only.
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
DD) .................................................... 18V
Switch Voltage (V
SW) .................................................... 18V
Feedback Voltage (V
FB) ................................................ 18V
Switch Current (I
SW) ........................................................ 2A
Enable Voltage(V
EN), Note 5 ........................................ 18V
RSET Voltage (V
RSET) .................................................... 6V
ESD Rating, Note 3 ...................................................... 2kV
Ambient Storage Temperature(T
S) .......... –65°C to +150°C
Operating Ratings (Note 2)
Supply Voltage (V
DD) ....................................... 2.4V to 16V
Switch Voltage (V
SW) .................................................... 16V
Ambient Temperature (T
A) ......................... –40°C to +85°C
Junction Temperature (T
J) ....................... –40°C to +125°C
Package Thermal Resistance MSOP
θJA (MSOP-8) .................................................... 206°C/W
θJA (3mm×3mm MLF-10) .................................... 60°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com