Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB15N25 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB15N25
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB15N25 Datasheet(HTML) 1 Page - STMicroelectronics

  STB15N25 Datasheet HTML 1Page - STMicroelectronics STB15N25 Datasheet HTML 2Page - STMicroelectronics STB15N25 Datasheet HTML 3Page - STMicroelectronics STB15N25 Datasheet HTML 4Page - STMicroelectronics STB15N25 Datasheet HTML 5Page - STMicroelectronics STB15N25 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STB15N25
N - CHANNEL ENHANCEMENT MODE
POWER MOS TRANSISTOR
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.2
Ω
s
AVALANCHE RUGGED TECHNOLOGY
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
LOW INPUT CAPACITANCE
s
LOW GATE CHARGE
s
LOW LEAKAGE CURRENT
s
APPLICATION ORIENTED
CHARACTERIZATION
s
THROUGH-HOLE I2PAK (TO-262) POWER
PACKAGE IN TUBE (SUFFIX "-1")
s
SURFACE-MOUNTING D2PACK (TO-263)
POWER PACKAGE IN TUBE (NO SUFFIX)
OR IN TAPE & REEL (SUFFIX "T4")
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITCH MODE POWER SUPPLY (SMPS)
s
CONSUMER AND INDUSTRIAL LIGHTING
s
DC-AC CONVERTER FOR WELDING
EQUIPMENT AND UNINTERRUPTABLE
POWER SUPPLY (UPS)
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
250
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
250
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc = 25
oC15
A
ID
Drain Current (continuous) at Tc = 100
o C10
A
IDM(
•)
Drain Current (pulsed)
60
A
Ptot
Total Dissipation at Tc = 25
o C
125
W
Derating Factor
1
W/
oC
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STB15N25
250 V
< 0.25
Ω
15 A
March 1996
1
2
3
1
3
I2PAK
TO-262
D2PAK
TO-263
1/6


Similar Part No. - STB15N25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB15N65M5 STMICROELECTRONICS-STB15N65M5 Datasheet
1Mb / 19P
Excellent switching performance
09-Nov-2012
logo
Inchange Semiconductor ...
STB15N65M5-2 ISC-STB15N65M5-2 Datasheet
313Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB15N80K5 STMICROELECTRONICS-STB15N80K5 Datasheet
1Mb / 22P
N-channel 800 V, 0.3 ohm typ., 14 A SuperMESH 5 Power MOSFET
31-Oct-2012
logo
Inchange Semiconductor ...
STB15N80K5 ISC-STB15N80K5 Datasheet
294Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB15NK50Z STMICROELECTRONICS-STB15NK50Z Datasheet
672Kb / 14P
N-CHANNEL500V-0.30ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH™ Power MOSFET
Aug-2002
More results

Similar Description - STB15N25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NA60 STMICROELECTRONICS-STD2NA60 Datasheet
172Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STD3N30L STMICROELECTRONICS-STD3N30L Datasheet
170Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STD3NA50 STMICROELECTRONICS-STD3NA50 Datasheet
172Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STH60N10 STMICROELECTRONICS-STH60N10 Datasheet
246Kb / 11P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
May-1993
STP15N05L STMICROELECTRONICS-STP15N05L Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STP32N05L STMICROELECTRONICS-STP32N05L Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STP32N06L STMICROELECTRONICS-STP32N06L Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STP53N08 STMICROELECTRONICS-STP53N08 Datasheet
77Kb / 5P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Mar-1996
STP5N30L STMICROELECTRONICS-STP5N30L Datasheet
198Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
IRF630FI STMICROELECTRONICS-IRF630FI Datasheet
190Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com