Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2186 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2186
Description  Low Voltage PWM Control IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2186 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2186 Datasheet HTML 7Page - Micrel Semiconductor MIC2186 Datasheet HTML 8Page - Micrel Semiconductor MIC2186 Datasheet HTML 9Page - Micrel Semiconductor MIC2186 Datasheet HTML 10Page - Micrel Semiconductor MIC2186 Datasheet HTML 11Page - Micrel Semiconductor MIC2186 Datasheet HTML 12Page - Micrel Semiconductor MIC2186 Datasheet HTML 13Page - Micrel Semiconductor MIC2186 Datasheet HTML 14Page - Micrel Semiconductor MIC2186 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
April 2005
13
M9999-042205
MIC2186
Micrel, Inc.
MIC2186 Sync
Conditions:
HiDC = HIGH
F/2 = LOW
Gat Drive Output
(Pin 14)
Sync Input
(Pin 11)
Figure 8a.
MIC2186 Sync
Conditions:
HiDC = LOW
F/2 = LOW
Gat Drive Output
(Pin 14)
Sync Input
(Pin 11)
Figure 8b.
The maximum recommended output switching frequency is
600kHz. Synchronizing to higher frequencies may be pos-
sible, however there are some concerns. As the switching
frequency is increased, the switching period decreases. The
minimum on-time in the MIC2186 becomes a greater part of
the total switching period. This may prevent proper operation
as Vin approaches Vout and may also minimize the effective-
ness of the current limit circuitry. The maximum duty cycle
decreases as the sync frequency is increased. Figure 9
shows the relationship between the minimum/maximum duty
cycle and frequency.
40
45
50
55
60
65
70
75
80
85
250 300 350 400 450 500 550 600
SYNC FREQUENCY (kHz)
Max. Duty Cycle
vs. Frequency
HiDC=L
F/2=H
HiDC=L
F/2=L
HiDC=H
F/2=L
HiDC=H
F/2=H
Figure 9.
Soft start
Soft start reduces the power supply input surge current at
start up by limiting the output voltage risetime. Input surge
current occurs when the boost converter charges up the
output capacitance. Slowing the output risetime lowers the
input surge current. Soft start may also be used for power
supply sequencing. The soft start cannot control the initial
surge in current in a boost converter when Vin is applied. This
surge current is caused by the output capacitance charging
up to the input voltage. The current flows from the input
through the inductor and output diode to the output capaci-
tors.
The soft start voltage is applied directly to the PWM compara-
tor. A 5uA internal current source is used to charge up the soft
start capacitor. Either of 2 UVLO conditions will pull the soft
start capacitor low.
* When the Vdd voltage drops below its UVLO
threshold
* When the enable pin drops below its 1.5V UVLO
threshold
The part switches at a low duty cycle when the soft start pin
voltage zero. As the soft start voltage rises from 0V to 0.7V,
the duty cycle increases from the minimum duty cycle to the
operating duty cycle. The oscillator runs at the foldback
frequency until the feedback voltage rises above 0.3V. In a
boost converter the output voltage is equal to the input
voltage before the MIC2186 starts switching. If the ratio of
Vout/Vin is low, the voltage on the feedback pin will already
be greater than 0.3V and the converter begin switching at the
selected operating frequency.
The risetime of the output is dependent on the soft start
capacitor, output capacitance, input and output voltage and
load current. The scope photo in Figure 10 show the output
voltage and the soft start pin voltage at startup. The output
voltage is initially at the input voltage less a diode drop. After
the converter is enabled the output slowly rises due to the
minimum duty cycle of the controller. As the soft start voltage
increases, the output voltage rises in a controlled fashion until
the output voltage reaches the regulated value.
Soft Start
0V
Figure 10.
Voltage Setting Components
The MIC2186 requires two resistors to set the output voltage
as shown in figure 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com