Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM640FP16 Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EM640FP16
Description  256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM640FP16 Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM640FP16 Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM640FP16 Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM640FP16 Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM640FP16 Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM640FP16 Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM640FP16 Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM640FP16 Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM640FP16 Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM640FP16 Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EM640FP16 Series
Low Power, 256Kx16 SRAM
2
123456
A
LB
OE
A0
A1
A2
CS2
B
I/O9
UB
A3
A4
CS1
I/O1
C
I/O10 I/O11
A5
A6
I/O2
I/O3
D
VSS
I/O12
A17
A7
I/O4
VCC
E
VCC I/O13 DNU
A16
I/O5
VSS
F
I/O15 I/O14
A14
A15
I/O6
I/O7
G
I/O16 DNU
A12
A13
WE
I/O8
H
DNU
A8
A9
A10
A11
DNU
FEATURES
• Process Technology : 0.18
µm Full CMOS
• Organization : 256K x 16 bit
• Power Supply Voltage : 1.65V ~ 2.2V
• Low Data Retention Voltage : 1.0V(Min.)
• Three state outputs
• Package Type : 48-FPBGA 6.0x7.0
GENERAL DESCRIPTION
The EM640FP16 families are fabricated by EMLSI’s
advanced full CMOS process technology. The families
support industrial temperature range and Chip Scale
Package for user flexibility of system design. The fami-
lies also supports low data retention voltage for battery
back-up operation with low data retention current.
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc
Range
Speed
Power Dissipation
PKG
Type
Standby
(ISB1, Typ.)
Operating
(ICC1.Max)
EM640FP16
Industrial (-40 ~ 85oC)
1.65~2.2V
70ns1)
1
µA
2 mA
48-FPBGA
(6.0x7.0)
Name
Function
Name
Function
CS1,CS2 Chip select inputs
Vcc
Power Supply
OE
Output Enable input
Vss
Ground
WE
Write Enable input
UB
Upper Byte (I/O9~16)
A0~A17
Address Inputs
LB
Lower Byte (I/O1~8)
I/O1~I/O16 Data Inputs/outputs
DNU
Do Not Use
I/O Circuit
Column Select
Data
Cont
Data
Cont
Pre-charge Circuit
Memory Array
2048 x 2048
A1
A2
A3
A
4
A5
A6
A7
A0
A8
A9
A11 A12 A13 A14 A15 A16 A17
WE
OE
UB
LB
CS
1
CS2
I/O1 ~ I/O8
I/O9 ~ I/O16
VCC
V
SS
Control Logic
FUNCTIONAL BLOCK DIAGRAM
A10
PIN DESCRIPTION
48-FPBGA : Top view (ball down)
1. The parameter is measured with 30pF test load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com