Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB160NF03L Datasheet(PDF) 6 Page - STMicroelectronics

Part # STB160NF03L
Description  N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET™ POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB160NF03L Datasheet(HTML) 6 Page - STMicroelectronics

  STB160NF03L Datasheet HTML 1Page - STMicroelectronics STB160NF03L Datasheet HTML 2Page - STMicroelectronics STB160NF03L Datasheet HTML 3Page - STMicroelectronics STB160NF03L Datasheet HTML 4Page - STMicroelectronics STB160NF03L Datasheet HTML 5Page - STMicroelectronics STB160NF03L Datasheet HTML 6Page - STMicroelectronics STB160NF03L Datasheet HTML 7Page - STMicroelectronics STB160NF03L Datasheet HTML 8Page - STMicroelectronics STB160NF03L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
STB160NF03L
6/9
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times
Fig. 4: Gate Charge test Circuit
Fig. 2: Unclamped Inductive Waveform
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 3: Switching Times Test Circuit For
Resistive Load



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com