Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93C46CM1TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST93C46CM1TR
Description  1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93C46CM1TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST93C46CM1TR Datasheet HTML 3Page - STMicroelectronics ST93C46CM1TR Datasheet HTML 4Page - STMicroelectronics ST93C46CM1TR Datasheet HTML 5Page - STMicroelectronics ST93C46CM1TR Datasheet HTML 6Page - STMicroelectronics ST93C46CM1TR Datasheet HTML 7Page - STMicroelectronics ST93C46CM1TR Datasheet HTML 8Page - STMicroelectronics ST93C46CM1TR Datasheet HTML 9Page - STMicroelectronics ST93C46CM1TR Datasheet HTML 10Page - STMicroelectronics ST93C46CM1TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AI00878C
11 0 An
A0
Qn
Q0
DATA OUT
D
S
Q
READ
S
WRITE
ADDR
OP
CODE
1 0
An
A0
DATA IN
D
Q
OP
CODE
Dn
D0
1
BUSY
READY
S
ERASE
WRITE
ENABLE
1
0
Xn X0
D
OP
CODE
1
01
S
ERASE
WRITE
DISABLE
1
0
Xn X0
D
OP
CODE
00
0
CHECK
STATUS
ADDR
Figure 6. READ, WRITE, EWEN, EWDS Sequences
Erase
The Erase instruction (ERASE) programs the ad-
dressed memory byte or word bits to ’1’. Once the
address is correctly decoded, the falling edge of the
Chip Select input (S) starts a self-timed program-
ming cycle.
If the ST93C46 is still performing the write cycle,
the Busy signal (Q = 0) will be returned if S is driven
high, and the ST93C46 will ignore any data on the
bus. When the write cycle is completed, the Ready
signal (Q = 1) will indicate (if S is driven high) that
the ST93C46 is ready to receive a new instruction.
Write
The Write instruction (WRITE) is followed by the
address and the 8 or 16 data bits to be written. Data
input is sampled on the Low to High transition of
the clock. After the last data bit has been sampled,
Chip Select (S) must be brought Low before the
next rising edge of the clock (C), in order to start
the self-timed programming cycle. If the ST93C46
is still performing the write cycle, the Busy signal
Notes: 1. An: n = 5 for x16 org. and 6 for x8 org.
2. Xn: n = 3 for x16 org. and 4 for x8 org.
7/13
ST93C46A/46C/46T, ST93C47C/47T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com