Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST160NF3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST160NF3LL
Description  N-CHANNEL 30V - 0.0026 ohm - 160A D2PAK STripFET™ II POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST160NF3LL Datasheet(HTML) 1 Page - STMicroelectronics

  ST160NF3LL Datasheet HTML 1Page - STMicroelectronics ST160NF3LL Datasheet HTML 2Page - STMicroelectronics ST160NF3LL Datasheet HTML 3Page - STMicroelectronics ST160NF3LL Datasheet HTML 4Page - STMicroelectronics ST160NF3LL Datasheet HTML 5Page - STMicroelectronics ST160NF3LL Datasheet HTML 6Page - STMicroelectronics ST160NF3LL Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
PRELIMINARY DATA
May 2002
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
STB160NF3LL
N-CHANNEL 30V - 0.0026
Ω - 160A D2PAK
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.0026 Ω
s
LOW THRESHOLD DRIVE
s
ULTRA LOW ON-RESISTANCE
s
LOGIC LEVEL DEVICE
s
100% AVALANCHE TESTED
s
SURFACE-MOUNTING D2PAK (TO-263)
POWER PACKAGE IN TUBE (NO SUFFIX) OR
IN TAPE & REEL (SUFFIX “T4”)
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SWITCHING SPEED
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC & DC-AC CONVERTERS
s
SOLENOID AND RELAY DRIVERS
TYPE
VDSS
RDS(on)
ID
ST160NF3LL
30 V
<0.003
Ω
160 A
1
3
D2PAK
TO-263
(Suffix “T4”)
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
(*) Current Limited by Package
(1) Starting Tj = 25 oC, ID = 80A, VDD = 20V
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
± 15
V
ID(∗)
Drain Current (continuous) at TC = 25°C
160
A
ID
Drain Current (continuous) at TC = 100°C
160
A
IDM(•)
Drain Current (pulsed)
640
A
Ptot
Total Dissipation at TC = 25°C
300
W
Derating Factor
2
W/°C
EAS (1)
Single Pulse Avalanche Energy
1.2
J
Tstg
Storage Temperature
-55 to 175
°C
Tj
Max. Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - ST160NF3LL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ST16002D LITTELFUSE-ST16002D Datasheet
685Kb / 3P
Power Thermistors Inrush Current Limiting Power Thermistor
logo
STMicroelectronics
ST16010 STMICROELECTRONICS-ST16010 Datasheet
1Mb / 12P
10 W, 28 V, HF to 1.6 GHz RF Power LDMOS transistor
13-May-2021
ST16045 STMICROELECTRONICS-ST16045 Datasheet
23Mb / 13P
45 W, 28 V, 0.7 to 1.7 GHz RF Power LDMOS transistor
18-Mar-2021
More results

Similar Description - ST160NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB100NF03L-03 STMICROELECTRONICS-STB100NF03L-03 Datasheet
393Kb / 11P
N-CHANNEL 30V - 0.0026 W -100A D²PAK/I²PAK/TO-220 STripFET™ II POWER MOSFET
Feb-2003
STB160NF02L STMICROELECTRONICS-STB160NF02L Datasheet
289Kb / 7P
N-CHANNEL 20V - 0.0018ohm - 160A D2PAK STripFET™ POWER MOSFET
Feb-2001
STB160NF03L STMICROELECTRONICS-STB160NF03L Datasheet
431Kb / 9P
N-CHANNEL 30V - 0.0021ohm - 160A D2PAK STripFET™ POWER MOSFET
February 2001
STB40NF03L STMICROELECTRONICS-STB40NF03L Datasheet
84Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 40A D2PAK STripFET POWER MOSFET
Oct-1999
STB55NF03L STMICROELECTRONICS-STB55NF03L Datasheet
81Kb / 8P
N-CHANNEL 30V - 0.01 ohm - 55A D2PAK STripFET] POWER MOSFET
01-Oct-2000
STB60NF03L STMICROELECTRONICS-STB60NF03L Datasheet
48Kb / 6P
N-CHANNEL 30V - 0.008 ohm - 60A D2PAK STripFET POWER MOSFET
Sep-1999
STB90NF3LL STMICROELECTRONICS-STB90NF3LL Datasheet
175Kb / 7P
N-CHANNEL 30V - 0.0048 ohm - 80A D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Sep-2002
STP55NF03L STMICROELECTRONICS-STP55NF03L Datasheet
338Kb / 8P
N-CHANNEL 30V - 0.01 ohm - 55A TO-220/D2PAK/I2PAK STripFET™II POWER MOSFET
February 2001
STB160NF3LL STMICROELECTRONICS-STB160NF3LL_06 Datasheet
414Kb / 13P
N-channel 30V - 0.0028ohm - 160A - D2PAK STripFET TM III Power MOSFET
19-Jun-2006
STB230NH03L STMICROELECTRONICS-STB230NH03L Datasheet
414Kb / 13P
N-channel 30V - 80A - D2PAK STripFET??Power MOSFET
08-Jun-2007
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com