Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4103 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC4103
Description  100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4103 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC4103 Datasheet HTML 9Page - Micrel Semiconductor MIC4103 Datasheet HTML 10Page - Micrel Semiconductor MIC4103 Datasheet HTML 11Page - Micrel Semiconductor MIC4103 Datasheet HTML 12Page - Micrel Semiconductor MIC4103 Datasheet HTML 13Page - Micrel Semiconductor MIC4103 Datasheet HTML 14Page - Micrel Semiconductor MIC4103 Datasheet HTML 15Page - Micrel Semiconductor MIC4103 Datasheet HTML 16Page - Micrel Semiconductor MIC4103 Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Micrel
MIC4103/4104
October 2007
13
M9999-100107-B
Total power dissipation and Thermal Considerations
Total power dissipation in the MIC4103 or MIC4104 is
equal to the power dissipation caused by driving the
external MOSFETs, the supply current, and the internal
bootstrap diode.
total
drive
total
Pdiode
Pdiss
Pdiss
Pdiss
+
+
=
supply
The die temperature may be calculated once the total
power dissipation is known.
JA
total
A
J
Pdiss
T
T
θ
×
+
=
C/W)
(
air
ambient
to
junction
from
resistance
thermal
the
is
θ
MIC4103/4
the
of
n
dissipatio
power
the
is
Pdiss
C)
(
e
temperatur
junction
the
is
T
e
temperatur
ambient
maximum
the
is
T
:
JC
total
J
A
°
°
where
Propagation Delay and Delay Matching and other
Timing Considerations
Propagation delay and signal timing is an important
consideration in a high performance power supply. The
MIC4103 is designed not only to minimize propagation
delay but to minimize the mismatch in delay between the
high-side and low-side drivers.
Fast propagation delay between the input and output drive
waveform is desirable. It improves overcurrent protection
by decreasing the response time between the control
signal
and
the
MOSFET
gate
drive.
Minimizing
propagation delay also minimizes phase shift errors in
power supplies with wide bandwidth control loops.
Many power supply topologies use two switching
MOSFETs operating 180º out of phase from each other.
These MOSFETs must not be on at the same time or a
short circuit will occur, causing high peak currents and
higher power dissipation in the MOSFETs. The MIC4103
and MIC4104 output gate drivers are not designed with
anti-shoot-through protection circuitry. The output drive
signals simply follow the inputs. The power supply design
must include timing delays (dead-time) between the input
signals to prevent shoot-through. The MIC4103 &
MIC4104 drivers specify delay matching between the two
drivers to help improve power supply performance by
reducing the amount of dead-time required between the
input signals.
Care must be taken to insure the input signal pulse width
is greater than the minimum specified pulse width. An
input signal that is less than the minimum pulse width may
result in no output pulse or an output pulse whose width is
significantly less than the input.
The maximum duty cycle (ratio of high side on-time to
switching period) is controlled by the minimum pulse width
of the low side and by the time required for the CB
capacitor to charge during the off-time. Adequate time
must be allowed for the CB capacitor to charge up before
the high-side driver is turned on.
Decoupling and Bootstrap Capacitor Selection
Decoupling capacitors are required for both the low side
(Vdd) and high side (HB) supply pins. These capacitors
supply the charge necessary to drive the external
MOSFETs as well as minimize the voltage ripple on these
pins. The capacitor from HB to HS serves double duty by
providing decoupling for the high-side circuitry as well as
providing current to the high-side circuit while the high-side
external MOSFET is on. Ceramic capacitors are
recommended because of their low impedance and small
size. Z5U type ceramic capacitor dielectrics are not
recommended due to the large change in capacitance over
temperature and voltage. A minimum value of 0.1uf is
required for each of the capacitors, regardless of the
MOSFETs being driven. Larger MOSFETs may require
larger capacitance values for proper operation. The
voltage rating of the capacitors depends on the supply
voltage, ambient temperature, and the voltage derating
used for reliability. 25V rated X5R or X7R ceramic
capacitors are recommended for most applications. The
minimum capacitance value should be increased if low
voltage capacitors are used since even good quality
dielectric capacitors, such as X5R, will lose 40% to 70% of
their capacitance value at the rated voltage.
Placement of the decoupling capacitors is critical. The
bypass capacitor for Vdd should be placed as close as
possible between the Vdd and Vss pins. The bootstrap
capacitor (CB) for the HB supply pin must be located as
close as possible between the HB and HS pins. The trace
connections must be short, wide, and direct. The use of a
ground plane to minimize connection impedance is
recommended. Refer to the section on layout and
component placement for more information.
The voltage on the bootstrap capacitor drops each time it
delivers charge to turn on the MOSFET. The voltage drop
depends on the gate charge required by the MOSFET.
Most MOSFET specifications specify gate charge vs. Vgs
voltage. Based on this information and a recommended
∆VHB of less than 0.1V, the minimum value of bootstrap
capacitance is calculated as:
pin
HB
the
at
drop
Voltage
∆
V
at
Charge
Gate
Total
Q
:
where
HB
HB
gate
=
=
∆
≥
HB
gate
B
V
Q
C
The decoupling capacitor for the Vdd input may be
calculated with the same formula, however, the two
capacitors are usually equal in value.
Grounding, Component Placement, and Circuit Layout
Nanosecond switching speeds and ampere peak currents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com