Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSWM-453232-R18M-T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LSWM-453232-R18M-T
Description  Wound Molded Chip Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LSWM-453232-R18M-T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LSWM-453232-R18M-T Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
Dimensions
Packaging Style
(Length, Width, Height)
B=Bulk
T=Tape & Reel
Inductance Code
(500 pcs per reel)
Tolerance
J=5%, K=10%, M=20%
LSWM - 453232 - R10 M - T
Wound Molded Chip Inductor
(LSWM-453232 Series)
Features
Inductance Range
0.10 µH to 1000 µH
Tolerance
5%, 10%, 20%
Construction
Heat resistant resin with metal terminals
Dimensions in mm
Specifications subject to change without notice.
Rev. 10/00
4.5 ± 0.3
R33M
1.75 ± 0.10
3.2 ± 0.2
3.2 ± 0.2
Top View - Markings
(Not to scale)
Electrical Specifications
L
Code
L
(µH)
Q
Min
LQ
Test Freq
(MHz)
SRF
Min
(MHz)
DCR
Max
(Ohms)
IDC
Max
(mA)
L
Code
L
(uH)
Q
Min
LQ
Test Freq
(MHz)
SRF
Min
(MHz)
DCR
Max
(Ohms)
IDC
Max
(mA)
R10
0.10
28
25.20
700
0.44
450
120
12
50
2.520
18
2.00
225
R12
0.12
30
25.20
500
0.22
450
150
15
50
2.520
17
2.50
200
R15
0.15
30
25.20
450
0.25
450
180
18
50
2.520
16
2.80
190
R18
0.18
30
25.20
400
0.28
450
220
22
50
2.520
13
3.20
180
R22
0.22
30
25.20
350
0.32
450
270
27
50
2.520
12
3.60
170
R27
0.27
30
25.20
320
0.36
450
330
33
50
2.520
11
4.00
160
R33
0.33
30
25.20
300
0.40
450
390
39
50
2.520
10
4.50
150
R39
0.39
30
25.20
350
0.45
450
470
47
50
2.520
10
5.00
140
R47
0.47
30
25.20
220
0.50
450
560
56
50
2.520
9
5.50
135
R56
0.56
30
25.20
180
0.55
450
680
68
50
2.520
9
6.00
130
R68
0.68
30
25.20
160
0.60
450
820
82
50
2.520
8
7.00
120
R82
0.82
30
25.20
140
0.67
450
101
100
40
0.796
7
8.00
110
1R0
1.00
50
7.960
100
0.50
450
121
120
40
0.796
6
8.00
110
1R3
1.20
50
7.960
80
0.55
430
151
150
40
0.796
5
9.00
105
1R5
1.50
50
7.960
70
0.60
410
181
180
40
0.796
5
9.50
102
1R8
1.80
50
7.960
60
0.65
390
221
220
40
0.796
4
12.0
100
2R2
2.20
50
7.960
55
0.70
380
271
270
30
0.796
3
18.0
92
2R7
2.70
50
7.960
50
0.75
370
331
330
30
0.796
3
20.0
85
3R3
3.30
50
7.960
45
0.80
355
391
390
30
0.796
3
23.0
80
3R9
3.90
50
7.960
40
0.90
330
471
470
30
0.796
3
26.0
62
4R7
4.70
50
7.960
35
1.00
315
561
560
30
0.796
2
30.0
50
5R6
5.60
50
7.960
33
1.10
300
681
680
30
0.796
2
40.0
50
6R8
9.80
50
7.960
27
1.20
285
821
820
30
0.796
2
45.0
30
8R2
8.20
50
7.960
25
1.40
270
102
1000
30
0.796
2
50.0
30
100
10
50
2.520
20
1.60
250
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Similar Part No. - LSWM-453232-R18M-T

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
LSWM-453232-R18M-T CALIBER-LSWM-453232-R18M-T Datasheet
29Kb / 1P
Wound Molded Chip Inductor
More results

Similar Description - LSWM-453232-R18M-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSWM-322522 ETC2-LSWM-322522 Datasheet
24Kb / 1P
Wound Molded Chip Inductor
logo
ABC Taiwan Electronics ...
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
WOUND CHIP INDUCTOR
logo
Caliber Electronics Inc...
LSWM-322522 CALIBER-LSWM-322522 Datasheet
25Kb / 1P
Wound Molded Chip Inductor
LSWM-453232 CALIBER-LSWM-453232 Datasheet
29Kb / 1P
Wound Molded Chip Inductor
logo
Panasonic Semiconductor
ELJ-FA100JF PANASONIC-ELJ-FA100JF Datasheet
96Kb / 4P
General use wire wound, resin molded chip inductor.
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
WOUND CHIP INDUCTOR
logo
Abracon Corporation
AISM-1008 ABRACON-AISM-1008 Datasheet
2Mb / 4P
SMD Molded Wound Chip inductor
08.11.09
AISM-1812H ABRACON-AISM-1812H Datasheet
1Mb / 3P
SMD MOLDED WOUND CHIP INDUCTOR
03.19.14
AISM-2220 ABRACON-AISM-2220 Datasheet
948Kb / 2P
MOLDED FERRITE WIRE WOUND CHIP INDUCTOR
09.09.10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com