Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB16NF06L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB16NF06L
Description  N-CHANNEL 60V - 0.07 ohm - 16A D2PAK STripFET™ POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB16NF06L Datasheet(HTML) 1 Page - STMicroelectronics

  STB16NF06L Datasheet HTML 1Page - STMicroelectronics STB16NF06L Datasheet HTML 2Page - STMicroelectronics STB16NF06L Datasheet HTML 3Page - STMicroelectronics STB16NF06L Datasheet HTML 4Page - STMicroelectronics STB16NF06L Datasheet HTML 5Page - STMicroelectronics STB16NF06L Datasheet HTML 6Page - STMicroelectronics STB16NF06L Datasheet HTML 7Page - STMicroelectronics STB16NF06L Datasheet HTML 8Page - STMicroelectronics STB16NF06L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
February 2002
.
STB16NF06L
N-CHANNEL 60V - 0.07
Ω - 16A D2PAK
STripFET™ POWER MOSFET
s
TYPICAL RDS(on) = 0.07Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
LOW GATE CHARGE AT 100 oC
s
LOW THRESHOLD DRIVE
s
SURFACE-MOUNTING D2PAK (TO-263)
POWER PACKAGE IN TUBE (NO SUFFIX) OR
IN TAPE & REEL (SUFFIX “T4”)
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™" strip-
based process. The resulting transistor shows extremely
high packing density for low on-resistance, rugged
avalanche characteristics and less critical alignment
steps
therefore
a
remarkable
manufacturing
reproducibility.
APPLICATIONS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
DC-DC & DC-AC CONVERTERS
s
AUTOMOTIVE ENVIRONMENT
TYPE
VDSS
RDS(on)
ID
STB16NF06L
60 V
<0.09
Ω
16 A
1
3
D2PAK
TO-263
(Suffix “T4”)
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
(1) ISD ≤ 16A, di/dt ≤ 210A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(2) Starting Tj = 25 oC, ID = 8A, VDD = 30V
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
60
V
VGS
Gate- source Voltage
± 16
V
ID
Drain Current (continuos) at TC = 25°C
16
A
ID
Drain Current (continuos) at TC = 100°C
11
A
IDM(•)
Drain Current (pulsed)
64
A
Ptot
Total Dissipation at TC = 25°C
45
W
Derating Factor
0.3
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
23
V/ns
EAS (2)
Single Pulse Avalanche Energy
127
mJ
Tstg
Storage Temperature
-65 to 175
°C
Tj
Max. Operating Junction Temperature
-55 to 175
°C
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STB16NF06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB16NF06L STMICROELECTRONICS-STB16NF06L Datasheet
406Kb / 13P
N-channel 60V - 0.07Ω - 16A - D2PAK STripFET??Power MOSFET
26-Jun-2006
STB16NF06L STMICROELECTRONICS-STB16NF06L Datasheet
405Kb / 13P
N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
26-Jun-2006
STB16NF06L STMICROELECTRONICS-STB16NF06L Datasheet
405Kb / 13P
N-channel 60V - 0.07ohm - 16A - D2PAK STripFET Power MOSFET
26-Jun-2006
logo
VBsemi Electronics Co.,...
STB16NF06L VBSEMI-STB16NF06L Datasheet
1Mb / 9P
N-Channel 60 V (D-S) MOSFET
logo
STMicroelectronics
STB16NF06LT4 STMICROELECTRONICS-STB16NF06LT4 Datasheet
405Kb / 13P
N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
26-Jun-2006
More results

Similar Description - STB16NF06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB45NF06 STMICROELECTRONICS-STB45NF06 Datasheet
112Kb / 6P
N-CHANNEL 60V - 0.022ohm - 38A D2PAK STripFET™ POWER MOSFET
Aug-2000
STB60NF06 STMICROELECTRONICS-STB60NF06 Datasheet
425Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A D2PAK STripFET™ POWER MOSFET
Feb-2001
STD16NE06L-1 STMICROELECTRONICS-STD16NE06L-1 Datasheet
55Kb / 5P
N - CHANNEL 60V - 0.07 ohm - 16A - TO-251 STripFET POWER MOSFET
Jul-1998
STD16NE06L STMICROELECTRONICS-STD16NE06L Datasheet
55Kb / 5P
N - CHANNEL 60V - 0.07 ohm - 16A - DPAK STripFET POWER MOSFET
Jun-1998
STD16NE10L STMICROELECTRONICS-STD16NE10L Datasheet
444Kb / 6P
N - CHANNEL 100V - 0.07 ohm - 16A DPAK STripFET POWER MOSFET
May-2000
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Aug-2002
STB16PF06L STMICROELECTRONICS-STB16PF06L Datasheet
301Kb / 10P
P-CHANNEL 60V - 0.11ohm - 16A D2PAK STripFET MOSFET
Sep-2004
STB16NF06L STMICROELECTRONICS-STB16NF06L_06 Datasheet
406Kb / 13P
N-channel 60V - 0.07Ω - 16A - D2PAK STripFET??Power MOSFET
26-Jun-2006
STB16NF06LT4 STMICROELECTRONICS-STB16NF06LT4 Datasheet
405Kb / 13P
N-channel 60V - 0.07廓 - 16A - D2PAK STripFET??Power MOSFET
26-Jun-2006
CD00002847 STMICROELECTRONICS-CD00002847 Datasheet
405Kb / 13P
N-channel 60V - 0.07ohm - 16A - D2PAK STripFET Power MOSFET
26-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com