Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4422 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4422
Description  9A-Peak Low-Side MOSFET Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4422 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4422 Datasheet HTML 1Page - Micrel Semiconductor MIC4422 Datasheet HTML 2Page - Micrel Semiconductor MIC4422 Datasheet HTML 3Page - Micrel Semiconductor MIC4422 Datasheet HTML 4Page - Micrel Semiconductor MIC4422 Datasheet HTML 5Page - Micrel Semiconductor MIC4422 Datasheet HTML 6Page - Micrel Semiconductor MIC4422 Datasheet HTML 7Page - Micrel Semiconductor MIC4422 Datasheet HTML 8Page - Micrel Semiconductor MIC4422 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC4421/4422
Micrel, Inc.
M9999-081005
2
August 2005
Ordering Information
Part Number
Standard
PbFree
Configuration
Temp. Range
Package
MIC4421BM
MIC4421YM
Inverting
–40ºC to +85ºC
8-pin SOIC
MIC4421BN
MIC4421YN
Inverting
–40ºC to +85ºC
8-pin DIP
MIC4421CM
MIC4421ZM
Inverting
–0ºC to +70ºC
8-pin SOIC
MIC4421CN
MIC4421ZN
Inverting
–0ºC to +70ºC
8-pin DIP
MIC4421CT
MIC4421ZT
Inverting
–0ºC to +70ºC
5-pin TO-220
MIC4422BM
MIC4422YM
Non-inverting
–40ºC to +85ºC
8-pin SOIC
MIC4422BN
MIC4422YN
Non-inverting
–40ºC to +85ºC
8-pin DIP
MIC4422CM
MIC4422ZM
Non-inverting
–0ºC to +70ºC
8-pin SOIC
MIC4422CN
MIC4422ZN
Non-inverting
–0ºC to +70ºC
8-pin DIP
MIC4422CT
MIC4422ZT
Non-inverting
–0ºC to +70ºC
5-pin TO-220
Pin Configurations
1
2
3
4
8
7
6
5
VS
OUT
OUT
GND
VS
IN
NC
GND
Plastic DIP (N)
SOIC (M)
5 OUT
4 GND
3 VS
2 GND
1 IN
TO-220-5 (T)
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
TO-220-5
DIP, SOIC
1
2
IN
Control Input
2, 4
4, 5
GND
Ground: Duplicate pins must be externally connected together.
3, TAB
1, 8
V
S
Supply Input: Duplicate pins must be externally connected together.
5
6, 7
OUT
Output: Duplicate pins must be externally connected together.
3
NC
Not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com