Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5013 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5013
Description  Protected High- or Low-Side MOSFET Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5013 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5013 Datasheet HTML 1Page - Micrel Semiconductor MIC5013 Datasheet HTML 2Page - Micrel Semiconductor MIC5013 Datasheet HTML 3Page - Micrel Semiconductor MIC5013 Datasheet HTML 4Page - Micrel Semiconductor MIC5013 Datasheet HTML 5Page - Micrel Semiconductor MIC5013 Datasheet HTML 6Page - Micrel Semiconductor MIC5013 Datasheet HTML 7Page - Micrel Semiconductor MIC5013 Datasheet HTML 8Page - Micrel Semiconductor MIC5013 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
July 2005
3
MIC5013
MIC5013
Micrel, Inc.
Electrical Characteristics (Note 3, 5)
Test circuit. TA = –55°C to +125°C, V+ = 15V, all switches open, unless otherwise specified.
Parameter
Conditions
Min
Typical Max
Units
Supply Current, I7
V+ = 32V
VIN = 0V, S4 closed
0.1
10
µA
VIN = VS = 32V
8
20
mA
Logic Input Voltage, VIN
V+ = 4.75V
Adjust VIN for VGATE low
2
V
Adjust VIN for VGATE high
4.5
V
V+ =15V
Adjust VIN for VGATE high
5.0
V
Logic Input Current, I1
V+ = 32V
VIN = 0V
–1
µA
VIN = 32V
1
µA
Input Capacitance
Pin 1
5
pF
Gate Drive, VGATE
S1, S2 closed,
V+ = 7V, I6 = 0
13
15
V
VS = V+, VIN = 5V
V+ = 15V, I6 = 100 µA
24
27
V
Zener Clamp,
S2 closed, VIN = 5V
V+ = 15V, VS = 15V
11
12.5
15
V
VGATE – VSOURCE
V+ = 32V, VS = 32V
11
13
16
V
Gate Turn-on Time, tON
VIN switched from 0 to 5V; measure time
60
200
µs
(Note 4)
for VGATE to reach 20V
Gate Turn-off Time, tOFF
VIN switched from 5 to 0V; measure time
4
10
µs
for VGATE to reach 1V
Threshold Bias Voltage, V2
I2 = 200 µA
1.7
2
2.2
V
Current Sense Trip Voltage,
S2 closed, VIN = 5V,
V+ = 7V,
S4 closed
75
105
135
mV
VSENSE – VSOURCE
Increase I3
I2 = 100 µA
VS = 4.9V, S4 open
70
100
130
mV
V+ = 15V
S4 closed
150
210
270
mV
I2 = 200 µA
VS = 11.8V, S4 open
140
200
260
mV
V+ = 32V
VS = 0V, S4 open
360
520
680
mV
I2 = 500 µA
VS = 25.5V, S4 open
350
500
650
mV
Peak Current Trip Voltage,
S3, S4 closed,
1.6
2.1
V
VSENSE – VSOURCE
V+ = 15V, VIN = 5V
Fault Output Voltage, V8
VIN = 0V, I8 = –100 µA
0.4
1
V
VIN = 5V, I8 = 100 µA, current sense tripped
14
14.6
V
Note 1. Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device beyond its specified
Operating Ratings.
Note 2. The MIC5010 is ESD sensitive.
Note 3. Minimum and maximum Electrical Characteristics are 100% tested at TA = 25°C and TA = 85°C, and 100% guaranteed over the entire
range. Typicals are characterized at 25°C and represent the most likely parametric norm.
Note 4. Test conditions reflect worst case high-side driver performance. Low-side and bootstrapped topologies are significantly faster—see
Applications Information.
Note 5. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com