Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4425CWM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC4425CWM
Description  Dual 3A-Peak Low-Side MOSFET Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4425CWM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC4425CWM Datasheet HTML 1Page - Micrel Semiconductor MIC4425CWM Datasheet HTML 2Page - Micrel Semiconductor MIC4425CWM Datasheet HTML 3Page - Micrel Semiconductor MIC4425CWM Datasheet HTML 4Page - Micrel Semiconductor MIC4425CWM Datasheet HTML 5Page - Micrel Semiconductor MIC4425CWM Datasheet HTML 6Page - Micrel Semiconductor MIC4425CWM Datasheet HTML 7Page - Micrel Semiconductor MIC4425CWM Datasheet HTML 8Page - Micrel Semiconductor MIC4425CWM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2005
1
MIC4423/4424/4425
MIC4423/4424/4425
Micrel, Inc.
INA
OUTA
INVERTING
NONINVERTING
0.1mA
0.6mA
2kΩ
INB
OUTB
INVERTING
NONINVERTING
0.1mA
0.6mA
2kΩ
VS
GND
MIC4423/4424/4425
Dual 3A-Peak Low-Side MOSFET Driver
Bipolar/CMOS/DMOS Process
Features
•
Reliable, low-power bipolar/CMOS/DMOS construction
•
Latch-up protected to >500mA reverse current
•
Logic input withstands swing to –5V
•
High 3A-peak output current
•
Wide 4.5V to 18V operating range
•
Drives 1800pF capacitance in 25ns
•
Short <40ns typical delay time
•
Delay times consistent with in supply voltage change
•
Matched rise and fall times
•
TTL logic input independent of supply voltage
•
Low equivalent 6pF input capacitance
•
Low supply current
3.5mA with logic-1 input
350µA with logic-0 input
•
Low 3.5Ω typical output impedance
•
Output voltage swings within 25mV of ground or V
S.
•
‘426/7/8-, ‘1426/7/8-, ‘4426/7/8-compatible pinout
•
Inverting, noninverting, and differential configurations
General Description
The MIC4423/4424/4425 family are highly reliable BiCMOS/
DMOS buffer/driver/MOSFET drivers. They are higher out-
put current versions of the MIC4426/4427/4428, which are
improved versions of the MIC426/427/428. All three families
are pin-compatible. The MIC4423/4424/4425 drivers are ca-
pable of giving reliable service in more demanding electrical
environments than their predecessors. They will not latch
under any conditions within their power and voltage ratings.
They can survive up to 5V of noise spiking, of either polarity,
on the ground pin. They can accept, without either damage
or logic upset, up to half an amp of reverse current (either
polarity) forced back into their outputs.
TheMIC4423/4424/4425seriesdriversareeasiertouse,more
flexible in operation, and more forgiving than other CMOS
or bipolar drivers currently available. Their BiCMOS/DMOS
construction dissipates minimum power and provides rail-to-
rail voltage swings.
Primarily intended for driving power MOSFETs, the
MIC4423/4424/4425driversaresuitablefordrivingotherloads
(capacitive, resistive, or inductive) which require low-imped-
ance, high peak currents, and fast switching times. Heavily
loadedclocklines,coaxialcables,orpiezoelectrictransducers
are some examples. The only known limitation on loading is
that total power dissipated in the driver must be kept within
the maximum power dissipation limits of the package.
Note: See MIC4123/4124/4125 for high power and narrow
pulse applications.
Functional Diagram
Integrated Component Count:
4 Resistors
4 Capacitors
52 Transistors
Ground Unused Inputs
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com


Similar Part No. - MIC4425CWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4425CWM MICREL-MIC4425CWM Datasheet
117Kb / 12P
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
MIC GROUP RECTIFIERS
MIC4425CWM MIC-MIC4425CWM Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results

Similar Description - MIC4425CWM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4423 MICREL-MIC4423 Datasheet
117Kb / 12P
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Sensitron
SHD852002 SENSITRON-SHD852002 Datasheet
43Kb / 3P
12A-Peak Low Side Dual MOSFET Driver 12A-Peak Low Side Dual MOSFET Driver
logo
Micrel Semiconductor
MIC4123 MICREL-MIC4123 Datasheet
360Kb / 11P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM MICREL-MIC4424YM Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423YM MICREL-MIC4423YM Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM-TR MICREL-MIC4424YM-TR Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4425YN MICREL-MIC4425YN Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MAQ4123 MICREL-MAQ4123 Datasheet
489Kb / 18P
Automotive AEC-Q100 Qualified Dual 3A Peak Low-Side MOSFET Driver
MIC4423ZN MICREL-MIC4423ZN Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
logo
Microchip Technology
MIC4423 MICROCHIP-MIC4423 Datasheet
2Mb / 26P
Dual 3A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com