Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79110 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC79110
Description  Simple 1.2A Linear Li-Ion Battery Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC79110_07 Datasheet HTML 5Page - Micrel Semiconductor MIC79110_07 Datasheet HTML 6Page - Micrel Semiconductor MIC79110_07 Datasheet HTML 7Page - Micrel Semiconductor MIC79110_07 Datasheet HTML 8Page - Micrel Semiconductor MIC79110_07 Datasheet HTML 9Page - Micrel Semiconductor MIC79110_07 Datasheet HTML 10Page - Micrel Semiconductor MIC79110_07 Datasheet HTML 11Page - Micrel Semiconductor MIC79110_07 Datasheet HTML 12Page - Micrel Semiconductor MIC79110_07 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Micrel, Inc.
MIC79110
October 2007
9
M9999-102507
All lithium-ion batteries take approximately 3 hours to
charge with the second stage taking twice as long as the
first stage. Some chargers claim to be fast chargers by
skipping the second stage and just charges the battery
until the cell voltage is reached. This only charges the
battery to 70% capacity.
An increase in the charge current during stage 1 does
not shorten the total charge time. It will only shorten the
time for stage 1 to complete and lengthen the time in
stage 2.
The lithium-ion loses charge due to aging whether it is
used or not. Do not store the batteries at full charge and
high heat because it will accelerate the aging process.
Try and store with 40% charge and in a cool
environment.
Lithium-Ion Safety Precautions
Every lithium-ion battery pack should have a safety
circuit which monitors the charge and discharge of the
pack and prevents dangerous occurrences. The
specifications of these safety circuits are dictated by the
cell manufacturer and may include the following:
•
Reverse polarity protection
•
Charge temperature must not be charged when
temperature is lower than 0°C or above 45°C.
•
Charge current must not be too high, typically below
0.7°C
•
Discharge current protection to prevent damage due
to short circuits.
•
Protection circuitry for over voltage applied to the
battery terminals.
•
Overcharge protection circuitry to stop charge when
the voltage per cell rises above 4.3V.
•
Over discharge protection circuitry to stop discharge
when the battery voltage falls below 2.3V (varies
with manufacturer).
•
Thermal shutdown protection for the battery if the
ambient temperature is above 100°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com