Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79110-4.2BML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC79110-4.2BML
Description  Simple 1.2A Linear Li-Ion Battery Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110-4.2BML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC79110-4.2BML Datasheet HTML 1Page - Micrel Semiconductor MIC79110-4.2BML Datasheet HTML 2Page - Micrel Semiconductor MIC79110-4.2BML Datasheet HTML 3Page - Micrel Semiconductor MIC79110-4.2BML Datasheet HTML 4Page - Micrel Semiconductor MIC79110-4.2BML Datasheet HTML 5Page - Micrel Semiconductor MIC79110-4.2BML Datasheet HTML 6Page - Micrel Semiconductor MIC79110-4.2BML Datasheet HTML 7Page - Micrel Semiconductor MIC79110-4.2BML Datasheet HTML 8Page - Micrel Semiconductor MIC79110-4.2BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Micrel, Inc.
MIC79110
October 2007
4
M9999-102507
Notes
:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Dropout Voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential. For outputs below 2.5V, dropout voltage is the input-to-output voltage differential with the minimum input voltage 2.5V. Minimum input
operating voltage is 2.5V.
4.
VNOM denotes the nominal output voltage.
5.
IRSET = (0.2V/RSET) × 1000
6.
Output Current IEOC when Digital End-of-Charge output goes high impedance. Currents greater than IEOC, the DEOC output is low, currents lower
than IEOC, DEOC is high impedance.
7.
IEOC = (0.2V/REOC) × 1000
8.
ISOURCE is the current output from ACHG pin. A resistor to ground from the ACHG pin will program a voltage that is proportional to the output current.
Block Diagram
VIN
SD
RSET
VREF
BAT
DEOC
GND
Li-Ion
ACHG
REOC
SNS
Current
Limit Set
End of
Charge
Detect
+
Current
Limit Sense
Shutdown
Control
Thermal
Protection
MIC79110 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com