Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC79110BML Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC79110BML
Description  Simple 1.2A Linear Li-Ion Battery Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC79110BML Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC79110BML Datasheet HTML 6Page - Micrel Semiconductor MIC79110BML Datasheet HTML 7Page - Micrel Semiconductor MIC79110BML Datasheet HTML 8Page - Micrel Semiconductor MIC79110BML Datasheet HTML 9Page - Micrel Semiconductor MIC79110BML Datasheet HTML 10Page - Micrel Semiconductor MIC79110BML Datasheet HTML 11Page - Micrel Semiconductor MIC79110BML Datasheet HTML 12Page - Micrel Semiconductor MIC79110BML Datasheet HTML 13Page - Micrel Semiconductor MIC79110BML Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Micrel, Inc.
MIC79110
October 2007
11
M9999-102507
Simple Charger - External Trigger to Reset Charge
Cycle reset
SD
VIN
RSET
SNS
BAT
VIN
GND
Reoc
DEOC
AEOC
CDELAY
0.1µF
Reset charge cycle.
The VIN voltage steps up to a voltage greater than VBAT.
When VIN is below VBAT, the IBAT current is near zero and
the reverse shutoff circuit is turning the charge to the
battery off. The IBAT slowly increases as VIN rises above
VBAT. DEOC is pulled low when the IBAT current is above
the Ieoc current set by REOC. When the DEOC is low, the
shutdown pin is also forced low and helps discharge
CSD. When the VBAT reaches the set voltage, the IBAT
begins to slowly drop. When the IBAT is less than the IEOC
threshold, the DEOC output goes high impedance,
indicating end-of-charge. When an external signal is
applied to the gate, the external NCH pulls the SD and
DEOC pins to ground. This restarts the charging process.
External Trigger to Reset Charger
1. VIN steps up to a voltage greater than VBAT.
2. SD held low by CSD until active high DEOC pulls
shutdown low.
3. DEOC releases SD, resistor pull-up from SD pin,
VIN pulls VSD to VIN.
4. An external signal applied to the gate of the
external NCH pulls SD pin-to-ground.
5. IBAT is near zero (2 to 4µA) because VIN is below
VBAT and the reverse shutoff circuit is turning the
charge to the battery off.
6. IBAT is decreased as VBAT approaches VBAT set
volt-age. IBAT decreases below the DEOC
threshold and DEOC is released high allowing VSD
to go high.
7. External NCH turns part on, after a small delay
IBAT turns on.
8. Active high DEOC pin goes high because of
reverse shutoff. DEOC remains high until IBAT
exceeds DEOC threshold, then goes low.
9. IBAT decreases below (see #5) DEOC threshold.
10. Active low DEOC is high because VIN is below
VBAT and reverse shutoff holds DEOC comparator
off. As VIN increases above VBAT, the reverse
volt-age shutoff turns off, DEOC comparator
becomes active. While IBAT is below DEOC
threshold DEOC active low goes low, when IBAT
exceeds DEOC threshold IBAT goes high.
11. Legitimate Activation of active low DEOC until SD
shuts down part and DEOC AL (active low) goes
high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com