Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC94071 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC94071
Description  High Side Power Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94071 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC94071 Datasheet HTML 1Page - Micrel Semiconductor MIC94071 Datasheet HTML 2Page - Micrel Semiconductor MIC94071 Datasheet HTML 3Page - Micrel Semiconductor MIC94071 Datasheet HTML 4Page - Micrel Semiconductor MIC94071 Datasheet HTML 5Page - Micrel Semiconductor MIC94071 Datasheet HTML 6Page - Micrel Semiconductor MIC94071 Datasheet HTML 7Page - Micrel Semiconductor MIC94071 Datasheet HTML 8Page - Micrel Semiconductor MIC94071 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC94070/71/72/73
September 2007
4
M9999-090507
Electrical Characteristics (Dynamic)
VIN = 5V; TA = 25°C, bold values indicate –40°C< TA < +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN = +3.6V, ID = –100mA, VEN = 1.5V
MIC94070, 71
0.85
1.5
µs
tON_DLY
Turn-On Delay Time
VIN = +3.6V, ID = –100mA, VEN = 1.5V
MIC94072, 73
700
1200
µs
VIN = +3.6V, ID = –100mA, VEN = 1.5V
MIC94070, 71
0.5
1
5
µs
tON_RISE
Turn-On Rise Time
VIN = +3.6V, ID = –100mA, VEN = 1.5V
MIC94072, 73
500
800
1500
µs
VIN = +3.6V, ID = –100mA, VEN = 1.5V
MIC94070, 71
100
200
ns
tOFF_DLY
Turn-Off Delay Time
VIN = +3.6V, ID = –100mA, VEN = 1.5V
MIC94072, 73
60
200
ns
VIN = +3.6V, ID = –100mA, VEN = 1.5V
MIC94070, 71
60
100
ns
tOFF_FALL
Turn-Off Fall Time
VIN = +3.6V, ID = –100mA, VEN = 1.5V
MIC94072, 73
60
100
ns
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
With backside thermal contact to PCB.
4.
Pulse width <300
µs with < 2% duty cycle.
5.
Continuous body diode current conduction (reverse conduction, i.e. VOUT to VIN) is not recommended.
6.
Devices are ESD sensitive. Handling precautions recommended. HBM (Human body model), 1.5k in series with 100pF.
7.
Measured on the MIC94070YMT, for other part numbers, please contact Micrel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com