Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM681FU16 Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EM681FU16
Description  512K x16 bit Low Power and Low Voltage Full CMOS Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM681FU16 Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EM681FU16 Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM681FU16 Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM681FU16 Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM681FU16 Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM681FU16 Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM681FU16 Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM681FU16 Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM681FU16 Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM681FU16 Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EM681FU16 Series
Low Power, 512Kx16 SRAM
2
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
1
2
3
4
5
6
A
LB
OE
A0
A1
A2
DNU
B
I/O
9
UB
A
3
A
4
CS
I/O
1
C
I/O10 I/O11
A5
A6
I/O2
I/O3
D
VSS
I/O12
A17
A7
I/O4
VCC
E
VCC
I/O13 DNU
A16
I/O5
VSS
F
I/O
15
I/O
14
A
14
A
15
I/O
6
I/O
7
G
I/O
16
DNU
A
12
A
13
WE
I/O
8
H
A18
A8
A9
A10
A11
DNU
FEATURES
• Process Technology : 0.18
µm Full CMOS
• Organization : 512K x 16 bit
• Power Supply Voltage : 2.7V ~ 3.3V
• Low Data Retention Voltage : 1.5V (Min.)
• Three state output and TTL Compatible
• Package Type : 48-FPBGA 8.0x10.0
GENERAL DESCRIPTION
The EM681FU16 families are fabricated by EMLSI’s
advanced full CMOS process technology. The families
support industrial temperature range and Chip Scale
Package for user flexibility of system design. The fami-
lies also supports low data retention voltage for battery
back-up operation with low data retention current.
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Typ.)
Operating
(ICC1.Max)
EM681FU16
Industrial (-40 ~ 85
o C)
2.7V~3.3V
55
1) / 70ns
2
µA
2 mA
48-FPBGA
Name
Function
Name
Function
CS
Chip select input
Vcc
Power Supply
OE
Output Enable input
Vss
Ground
WE
Write Enable input
UB
Upper Byte (I/O 9~16)
A0~A18
Address Inputs
LB
Lower Byte (I/O 1~8)
I/O1~I/O 16 Data Inputs/outputs
DNU
Do Not Use
I/O Circuit
Column Select
Data
Cont
Data
Cont
Pre-charge Circuit
Memory Array
2048 x 4096
A1
A2
A3
A4
A5
A6
A7
A0
A8
A9
A11 A12 A13 A14 A15 A16 A
17
WE
OE
UB
LB
CS
I/O1 ~ I/O8
I/O9 ~ I/O16
VCC
VSS
Control Logic
FUNCTIONAL BLOCK DIAGRAM
1. The parameter is measured with 30pF test load.
A10
PIN DESCRIPTION
48-FPBGA : Top view (ball down)
A18



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com