Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VAC312548ATDBB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # VAC312548ATDBB
Description  14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VAC312548ATDBB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  VAC312548ATDBB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
MECHANICAL DIMENSIONS
Marking Guide on page F3-F4
Pin 1:
Control Voltage (Vc)
Pin 8:
Output
Pin 1:
Control Voltage (Vc)
Pin 5:
Output
Pin 7:
Case Ground
Pin 14: Supply Voltage
Pin 4:
Case Ground
Pin 8:
Supply Voltage
13.2
MAX
7.620
±0.203
0.457
±01
(X4)
5.6
MAX
0.8 ±0.1
(X3)
Insulated Standoffs
13.2
MAX
7.620
±0.203
5.08
MIN
8
1
5
4
All Dimensions in mm.
8 Pin Half Size
VAC31, VBC31 Series
14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
ELECTRICAL SPECIFICATIONS
Revision: 1998-B
Frequency Range (Full Size / 14 Pin Dip)
1.500MHz to 160.000MHz
Frequency Range (Half Size / 8 Pin Dip)
1.000MHz to 40.000MHz
Operating Temperature Range
0°C to 70°C / -20°C to 70°C / -40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Supply Voltage
5.0Vdc ±5%, 3.3Vdc ±5%
Aging (at 25°C)
±5ppm / year Maximum
Load Drive Capability
10TTL Load or 15pF HCMOS Load Maximum
Start Up Time
10mSeconds Maximum
Linearity
±20%, ±15%, ±10% Maximum
±5% Maximum (not available with 200ppm
frequency deviation)
Input Current
1.000MHz to 20.000MHz
20.001MHz to 30.000MHz
30.001MHz to 160.000MHz
30mA Maximum
40mA Maximum
50mA Maximum
One Sigma Clock Jitter
<40.000MHz / ±25pSeconds Maximum
>40.000MHz / ±50pSeconds Maximum
Absolute Clock Jitter
< 40.000MHz / ±100pSeconds Maximum
>40.000MHz / ±200pSeconds Maximum
Frequency Tolerance / Stability
Inclusive of Operating Temperature Range, Supply
Voltage and Load
±100ppm, ±50ppm, ±30ppm, ±25ppm, ±20ppm
(20ppm = 0°C to 70°C Only)
Output Voltage Logic High (Voh)
w/TTL Load
w/HCMOS Load
2.4Vdc Minimum
Vdd –0.5Vdc Minimum
Output Voltage Logic Low (Vol)
w/TTL Load
w/HCMOS Load
0.4Vdc Maximum
0.5Vdc Maximum
Rise Time / Fall Time
0.4Vdc to 2.4Vdc w/TTL Load; 20% to 80% of
Waveform w/HCMOS Load
5nSeconds Maximum
Duty Cycle
@1.4Vdc w/TTL Load; @50% w/HCMOS Load
@1.4Vdc w/TTL Load or w/HCMOS Load
50 ±10% (Standard)
50±5% (Optional)
Frequency Deviation Over Control Voltage
A=±50ppm Min. / B=±100ppm Min. / C=±150ppm Min. / D=±200ppm Min. / E=±250ppm Min. /
F=±300ppm Min. / G=±350ppm Min.
Pin 1 Control Voltage (Positive Transfer Characteristic)
A=2.5Vdc ±2.0Vdc / B=2.5Vdc ±2.5Vdc
PART NUMBERING GUIDE
Environmental/Mechanical Specifications on page F5
VAC31 100 48 A T A B A - 155.520MHz
Package
VAC31 = 14 Pin Dip / HCMOS-TTL / VCXO
VBC31 =
8 Pin Dip / HCMOS-TTL / VCXO
Inclusive Tolerance/Stability
100= +/-100ppm, 50= +/-50ppm, 25= +/-25ppm,
20= +/-20ppm, 10= ±10ppm
Control Voltage
A=2.5Vdc ±2.0Vdc / B=2.5Vdc ±2.5Vdc
If Using 3.3Vdc Option =1.65Vdc ±1.65Vdc
Linearity
A=5% / B=10% / C=15% / D=20%
Operating Temperature Range
Blank = 0°C to 70°C, 27 = -20°C to 70°C, 48 = -40°C to 85°C
Frequency Deviation (Over Controll Voltage
A=±50ppm / B=±100ppm / C=±150ppm / D=±200ppm /
E=±250ppm / F=±300ppm / G=±350ppm
Duty Cycle
Blank=40-60% / T=45-55%
Supply Voltage
Blank = 5.0Vdc ±5%, A=3.3Vdc ±5%
20.8
MAX
13.2
MAX
15.240
±0.203
7.620
±.203
0.457
±0.1 (X4)
5.08
MAX
0.9
MAX
Insulated Standoffs
(Glass)
5.08
MIN
1
7
8
14
All Dimensions in mm.
14 Pin Full Size
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant


Similar Part No. - VAC312548ATDBB

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
VAC312548ATDBB CALIBER-VAC312548ATDBB Datasheet
106Kb / 1P
14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
More results

Similar Description - VAC312548ATDBB

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MVH MTRONPTI-MVH Datasheet
256Kb / 1P
8 pin DIP, 5.0 Volt, HCMOS/TTL, VCXO
logo
Crystek Corporation
CCO-014014S CRYSTEKCRYSTAL-CCO-014014S Datasheet
116Kb / 1P
8 & 14 Pin Dip, 5V, HCMOS/TTL Clock Oscillator
logo
List of Unclassifed Man...
VAC100A48FT ETC2-VAC100A48FT Datasheet
100Kb / 1P
14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
SVG-25C273ABT ETC2-SVG-25C273ABT Datasheet
53Kb / 1P
14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
logo
Connor-Winfield Corpora...
HV54I-100 CONNOR-WINFIELD-HV54I-100 Datasheet
210Kb / 2P
14 PIN 5.0V HCMOS VCXO
logo
MTRONPTI
MVH MTRONPTI-MVH_07 Datasheet
303Kb / 1P
8 pin DIP, 5.0 Volt, HCMOS/TTL, VCXO
logo
MMD Components
MVAH MMD-MVAH Datasheet
94Kb / 1P
14 Pin DIP HCMOS VCXO
logo
Caliber Electronics Inc...
SVG-10A483AAT CALIBER-SVG-10A483AAT Datasheet
58Kb / 1P
14 Pin and 6 Pin / SMD / HCMOS / VCXO Oscillator
VAC CALIBER-VAC Datasheet
105Kb / 1P
14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
VAC31 CALIBER-VAC31 Datasheet
106Kb / 1P
14 Pin and 8 Pin / HCMOS/TTL / VCXO Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com