Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95040-RBN3G/W Datasheet(PDF) 14 Page - STMicroelectronics

Part # M95040-RBN3G/W
Description  4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-RBN3G/W Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M95040-RBN3G/W Datasheet HTML 10Page - STMicroelectronics M95040-RBN3G/W Datasheet HTML 11Page - STMicroelectronics M95040-RBN3G/W Datasheet HTML 12Page - STMicroelectronics M95040-RBN3G/W Datasheet HTML 13Page - STMicroelectronics M95040-RBN3G/W Datasheet HTML 14Page - STMicroelectronics M95040-RBN3G/W Datasheet HTML 15Page - STMicroelectronics M95040-RBN3G/W Datasheet HTML 16Page - STMicroelectronics M95040-RBN3G/W Datasheet HTML 17Page - STMicroelectronics M95040-RBN3G/W Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
M95040, M95020, M95010
14/37
Read Status Register (RDSR)
One of the major uses of this instruction is to allow
the MCU to poll the state of the Write In Progress
(WIP) bit. This is needed because the device will
not accept further WRITE or WRSR instructions
when the previous Write cycle is not yet finished.
As shown in Figure 10., to send this instruction to
the device, Chip Select (S) is first driven Low. The
bits of the instruction byte are then shifted in, on
Serial Data Input (D). The current state of the bits
in the Status Register is shifted out, on Serial Data
Out (Q). The Read Cycle is terminated by driving
Chip Select (S) High.
The Status Register may be read at any time, even
during a Write cycle (whether it be to the memory
area or to the Status Register). All bits of the Sta-
tus Register remain valid, and can be read using
the RDSR instruction. However, during the current
Write cycle, the values of the non-volatile bits
(BP0, BP1) become frozen at a constant value.
The updated value of these bits becomes avail-
able when a new RDSR instruction is executed, af-
ter completion of the Write cycle. On the other
hand, the two read-only bits (Write Enable Latch
(WEL), Write In Progress (WIP)) are dynamically
updated during the on-going Write cycle.
The status and control bits of the Status Register
are as follows:
WIP bit. The Write In Progress (WIP) bit indicates
whether the memory is busy with a Write or Write
Status Register cycle. When set to 1, such a cycle
is in progress, when reset to 0 no such cycle is in
progress.
WEL bit. The Write Enable Latch (WEL) bit indi-
cates the status of the internal Write Enable Latch.
When set to 1 the internal Write Enable Latch is
set, when set to 0 the internal Write Enable Latch
is reset and no Write or Write Status Register in-
struction is accepted.
BP1, BP0 bits. The Block Protect (BP1, BP0) bits
are non-volatile. They define the size of the area to
be software protected against Write instructions.
These bits are written with the Write Status Regis-
ter (WRSR) instruction. When one or both of the
Block Protect (BP1, BP0) bits is set to 1, the rele-
vant memory area (as defined in Table 4.) be-
comes
protected
against
Write
(WRITE)
instructions. The Block Protect (BP1, BP0) bits
can be written provided that the Hardware Protect-
ed mode has not been set.
Figure 10. Read Status Register (RDSR) Sequence
C
D
S
2
1
3456789 10 11 12 13 14 15
Instruction
0
AI01444D
Q
7
6543210
Status Register Out
High Impedance
MSB
7
6543210
Status Register Out
MSB
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com