Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSW-0805-R68K-T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LSW-0805-R68K-T
Description  Wound Chip Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LSW-0805-R68K-T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LSW-0805-R68K-T Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
LSW - 0805 - 3N3 M - T
Dimensions
Packaging Style
(Length, Width)
B=Bulk
T=Tape & Reel (2500 pcs / reel)
Inductance Code
Tolerance
F=1%, G=2%, J=5%, K=10%, M=20%
Wound Chip Inductor
(LSW-0805 Series)
Features
Inductance Range
2.8 nH to 820 nH
Tolerance
1%, 2%, 5%, 10%, 20%
Construction
Ceramic body with wire wound construction
Dimensions in mm
Specifications subject to change without notice.
Rev. 03/01
(Not to scale)
Electrical Specifications
L
Code
L
(nH)
L Test Freq
(MHz)
Q
Min
Q Test Freq
(MHz)
SRF Min
(MHz)
RDC Max
(Ohms)
IDC Max
(mA)
2N8
2.8
250
70
1500
7900
0.06
800
3N0
3.0
250
65
1500
7900
0.06
800
8N2
8.2
250
50
1000
4700
0.12
600
12N
12
250
50
500
4000
0.15
600
15N
15
250
50
500
3400
0.17
600
18N
18
250
50
500
3300
0.20
600
22N
22
250
55
500
2600
0.22
500
27N
27
250
55
500
2500
0.25
500
33N
33
250
60
500
2050
0.27
500
39N
39
250
60
500
2000
0.29
500
47N
47
200
60
500
1650
0.31
500
56N
56
200
60
500
1550
0.34
500
68N
68
200
60
500
1450
0.38
500
82N
82
150
65
500
1300
0.42
400
R10
100
150
65
500
1200
0.46
400
R12
120
150
50
250
1100
0.51
400
R15
150
100
50
250
920
0.56
400
R18
180
100
50
250
870
0.64
400
R22
220
100
50
250
850
0.70
400
3N3
3.3
250
50
1500
7900
0.08
600
5N6
5.6
250
65
1000
5500
0.08
600
6N8
6.8
250
50
1000
5500
0.11
600
7N5
7.5
250
50
1000
4500
0.14
600
10N
10
250
60
500
4200
0.10
600
24N
24
250
50
500
2000
0.22
500
36N
36
250
55
500
1700
0.27
500
43N
43
200
60
500
1650
0.34
500
91N
91
150
65
500
1200
0.48
400
R11
110
150
50
250
1000
0.48
400
R24
240
100
44
250
690
1.00
350
R27
270
100
48
250
650
1.00
350
R33
330
100
48
250
600
1.40
310
R39
390
100
48
250
560
1.50
290
R47
470
50
33
100
375
1.76
250
R56
560
25
23
50
340
1.90
230
R68
680
25
23
50
188
2.20
190
R82
820
25
23
50
215
2.35
180
0.51
Overall 1.73 max
2.29 max
0.51
1.52 max
1.02
1.27 Terminal
Terminal Wraparound
Approx. 0.38 mm Both Ends
1.02
1.78
0.76
Suggested
Pad Layout
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Similar Part No. - LSW-0805-R68K-T

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
LSW-0805-R68K-T CALIBER-LSW-0805-R68K-T Datasheet
29Kb / 1P
Wound Chip Inductor
More results

Similar Description - LSW-0805-R68K-T

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
CM252010NJ3 ABC-CM252010NJ3 Datasheet
138Kb / 8P
WOUND CHIP INDUCTOR
CM3225R12ML ABC-CM3225R12ML Datasheet
553Kb / 8P
WOUND CHIP INDUCTOR
CM4532R10ML ABC-CM4532R10ML Datasheet
583Kb / 8P
WOUND CHIP INDUCTOR
SL10051N0DL ABC-SL10051N0DL Datasheet
465Kb / 6P
WOUND CHIP INDUCTOR
SW2022R47K2 ABC-SW2022R47K2 Datasheet
614Kb / 8P
WOUND CHIP INDUCTOR
SW20222N2DL ABC-SW20222N2DL Datasheet
142Kb / 8P
WOUND CHIP INDUCTOR
logo
Bourns Electronic Solut...
CW201212_MDS BOURNS-CW201212_MDS Datasheet
51Kb / 3P
WOUND CHIP INDUCTOR
logo
XFMRS Inc.
XFWIC453630-150K XFMRS-XFWIC453630-150K Datasheet
36Kb / 1P
Wound Chip Inductor
XFWIC453630-331K XFMRS-XFWIC453630-331K Datasheet
46Kb / 1P
Wound Chip Inductor
XFWIC453630-470K XFMRS-XFWIC453630-470K Datasheet
64Kb / 1P
Wound Chip Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com