Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB3015 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB3015
Description  N - CHANNEL 30V - 0.013 ohm - 40A - D2PAK/TO-220 STripFETO POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB3015 Datasheet(HTML) 1 Page - STMicroelectronics

  STB3015 Datasheet HTML 1Page - STMicroelectronics STB3015 Datasheet HTML 2Page - STMicroelectronics STB3015 Datasheet HTML 3Page - STMicroelectronics STB3015 Datasheet HTML 4Page - STMicroelectronics STB3015 Datasheet HTML 5Page - STMicroelectronics STB3015 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STB3015L
STP3015L
N - CHANNEL 30V - 0.013
Ω - 40A - D2PAK/TO-220
STripFET
™ POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.013
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
LOW GATE CHARGE A 100
oC
s
APPLICATION ORIENTED
CHARACTERIZATION
s
FOR THROUGH-HOLE VERSION
CONTACT SALES OFFICE
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics
unique
"
Single
Feature
Size
™ " strip-based process. The resulting tran-
sistor shows extremely high packing density for
low on-resistance, rugged avalanche charac-
teristics and less critical alignment steps therefore
a remarkable manufacturing reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
SOLENOID AND RELAY DRIVERS
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC & DC-AC CONVERTERS IN HIGH
PERFORMANCE VRMs
s
AUTOMOTIVE ENVIRONMENT (INJECTION,
ABS, AIR-BAG, LAMPDRIVERS, Etc.)
®
INTERNAL SCHEMATIC DIAGRAM
TYPE
VDSS
RDS(on)
ID
STB3015L
30 V
< 0.0155
Ω
40 A
July 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
30
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc = 25
oC40
A
ID
Drain Current (continuous) at Tc = 100
oC28
A
IDM(
•)
Drain Current (pulsed)
160
A
Ptot
Total Dissipation at Tc = 25
oC80
W
Derating Factor
0.53
W/
oC
dv/dt(1)
Peak Diode Recovery voltage slope
7
V/ns
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
(1) ISD
≤ 40 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
1
3
D
2PAK
TO-263
(Suffix "T4")
1
2
3
TO-220
1/5


Similar Part No. - STB3015

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
STB30150C SMC-STB30150C Datasheet
105Kb / 5P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STB30150C SMCDIODE-STB30150C Datasheet
553Kb / 6P
SCHOTTKY RECTIFIER
Rev. A
More results

Similar Description - STB3015

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3020L STMICROELECTRONICS-STB3020L Datasheet
85Kb / 8P
N - CHANNEL 30V - 0.019ohm - 40A - D2PAK STripFET] POWER MOSFET
Mar-1999
STB40NF03L STMICROELECTRONICS-STB40NF03L Datasheet
84Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 40A D2PAK STripFET POWER MOSFET
Oct-1999
STD38NF03L STMICROELECTRONICS-STD38NF03L Datasheet
46Kb / 6P
N - CHANNEL 30V - 0.013 ohm - 38A TO-252 STripFET POWER MOSFET
Mar-2000
STP3020L STMICROELECTRONICS-STP3020L Datasheet
83Kb / 8P
N - CHANNEL 30V - 0.019ohm - 40A - TO-220 STripFET POWER MOSFET
Mar-1999
STP40NF03L STMICROELECTRONICS-STP40NF03L Datasheet
82Kb / 8P
N - CHANNEL 30V - 0.020 ohm - 40A TO-220 STripFET POWER MOSFET
Oct-1999
STP55NF03L STMICROELECTRONICS-STP55NF03L Datasheet
338Kb / 8P
N-CHANNEL 30V - 0.01 ohm - 55A TO-220/D2PAK/I2PAK STripFET™II POWER MOSFET
February 2001
logo
Fairchild Semiconductor
HUF76131SK8 FAIRCHILD-HUF76131SK8 Datasheet
309Kb / 10P
10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76131SK8 INTERSIL-HUF76131SK8 Datasheet
197Kb / 10P
10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
June 2000
logo
STMicroelectronics
STP40N20 STMICROELECTRONICS-STP40N20 Datasheet
348Kb / 13P
N-CHANNEL 200V - 0.038 OHM - 40A TO-220/TO-247/D2PAK LOW GATE CHARGE STripFET MOSFET
03-Jun-2005
STP40NF03L STMICROELECTRONICS-STP40NF03L_07 Datasheet
254Kb / 12P
N-channel 30V - 0.018Ω - 40A - TO-220 STripFET??Power MOSFET
21-Feb-2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com