Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF25C60 Datasheet(PDF) 2 Page - SemiWell Semiconductor

Part # SCF25C60
Description  Silicon Controlled Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SCF25C60 Datasheet(HTML) 2 Page - SemiWell Semiconductor

  SCF25C60 Datasheet HTML 1Page - SemiWell Semiconductor SCF25C60 Datasheet HTML 2Page - SemiWell Semiconductor SCF25C60 Datasheet HTML 3Page - SemiWell Semiconductor SCF25C60 Datasheet HTML 4Page - SemiWell Semiconductor SCF25C60 Datasheet HTML 5Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics ( T
C = 25 °C unless otherwise noted )
Symbol
Items
Conditions
Ratings
Unit
Min.
Typ.
Max.
IDRM
Repetitive Peak Off-State
Current
VAK = VDRM
TC = 25 °C
TC = 125 °C
─
─
─
─
10
200
㎂
VTM
Peak On-State Voltage (1)
ITM = 50 A
tp=380㎲
─
─
1.6
V
IGT
Gate Trigger Current (2)
VAK = 6 V(DC), RL=10 Ω
TC = 25 °C
──
15
mA
VGT
Gate Trigger Voltage (2)
VD = 6 V(DC), RL=10 Ω
TC = 25 °C
──
1.5
V
VGD
Non-Trigger Gate Voltage (1)
VAK = 12 V, RL=100 Ω
TC = 125 °C
0.2
──
V
dv/dt
Critical Rate of Rise Off-State
Voltage
Linear slope up to VD=VDRM 67%,
Gate open
TJ = 125°C
250
─
─
V/㎲
IH
Holding Current
IT = 100mA, Gate Open
TC = 25 °C
─
220
mA
Rth(j-c)
Thermal Impedance
Junction to case
──
2.2
°C/W
Rth(j-a)
Thermal Impedance
Junction to Ambient
──
60
°C/W
2/5
※
Notes :
1. Pulse Width ≤ 1.0 ms , Duty cycle ≤ 1%
2. RGK Current not Included in measurement.
SCF25C60
Information offers: http://www.kkg.com.cn



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com