Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM641FT8AV-85LL Datasheet(PDF) 3 Page - Emerging Memory & Logic Solutions Inc

Part # EM641FT8AV-85LL
Description  512K x8 bit Low Power Full CMOS Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM641FT8AV-85LL Datasheet(HTML) 3 Page - Emerging Memory & Logic Solutions Inc

  EM641FT8AV-85LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM641FT8AV-85LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM641FT8AV-85LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM641FT8AV-85LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM641FT8AV-85LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM641FT8AV-85LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM641FT8AV-85LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM641FT8AV-85LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM641FT8AV-85LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
EM641FT8V Series
Low Power, 512Kx8 SRAM
3
ABSOLUTE MAXIMUM RATINGS
Note : Stresses greater than those listed above “Absolute Maximum Ratings” may cause permanent damage to the device.
Functional operation should be restricted to recommended operating condition. Exposure to absolute maximum rating condi-
tions for extended periods may affect reliability.
Parameter
Symbol
Minimum
Unit
Voltage on Any Pin Relative to VSS
VIN, VOUT
-0.5 to 6.0V
V
Voltage on Vcc supply relative to VSS
VCC
-0.5 to 6.0V
V
Power Dissipation
PD
1.0
W
Operating Temperature
TA
-40 to 85
oC
FUNCTIONAL DESCRIPTION
Note : X means don’t care. (Must be low or high state)
CS
OE
WE
I/O0-7
Mode
Power
H
X
X
High-Z
Deselected/ Power down
Stand by
L
L
H
Data Out
Read
Active
L
X
L
Data In
Write
Active
L
H
H
High-Z
Selected, Output Disabled
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com