Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS4410 Datasheet(PDF) 2 Page - SemiWell Semiconductor

Part # SFS4410
Description  Logic N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SFS4410 Datasheet(HTML) 2 Page - SemiWell Semiconductor

  SFS4410 Datasheet HTML 1Page - SemiWell Semiconductor SFS4410 Datasheet HTML 2Page - SemiWell Semiconductor SFS4410 Datasheet HTML 3Page - SemiWell Semiconductor SFS4410 Datasheet HTML 4Page - SemiWell Semiconductor SFS4410 Datasheet HTML 5Page - SemiWell Semiconductor SFS4410 Datasheet HTML 6Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SFS4410
Electrical Characteristics ( T
J = 25 °C unless otherwise noted )
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
30
-
-
V
Δ
BVDSS/
Δ
TJ
Breakdown Voltage Temperature
coefficient
ID = 250uA, referenced to 25 °C
-12
-
mV/°C
IDSS
Drain-Source Leakage Current
VDS = 24V, VGS = 0V
VDS = 24V, VGS = 0V, TJ = 55 °C
--
1
10
uA
IGSS
Gate-Source Leakage, Forward
VGS = 20V, VDS = 0V
100
nA
Gate-Source Leakage, Reverse
VGS = -20V, VDS = 0V
-
-
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250uA
1.0
-
V
RDS(ON)
Static Drain-Source On-state
Resistance
VGS = 10 V, ID = 10A
VGS = 4.5 V, ID = 9A
-
-
0.011
0.016
0.0135
0.020
Ω
Dynamic Characteristics
Ciss
Input Capacitance
VGS =0 V, VDS =15V, f = 1MHz
-1100
-
pF
Coss
Output Capacitance
-
550
-
Crss
Reverse Transfer Capacitance
-
150
-
Dynamic Characteristics
td(on)
Turn-on Delay Time
VDD = 25V, ID = 1A, RG = 50Ω
VGS = 10 V
(Note 2,3)
-13
25
ns
tr
Rise Time
-
30
60
td(off)
Turn-off Delay Time
-
165
260
tf
Fall Time
-
65
120
Qg
Total Gate Charge
VDS = 15V, VGS = 10V, ID = 10A
(Note 2,3)
-33
43
nC
Qgs
Gate-Source Charge
-
5.2
-
Qgd
Gate-Drain Charge(Miller Charge)
-
8
-
Source-Drain Diode Ratings and Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit.
IS
Continuous Source Diode Forward Current
-
-
2.1
A
VSD
Diode Forward Voltage
IS = 2.1A, VGS =0V
(Note 2)
--
1.2
V
※ NOTES
1. Repeativity rating : pulse width limited by junction temperature
2. Pulse Test : Pulse Width ≤ 300us, Duty Cycle ≤ 2%
3. Essentially independent of operating temperature.
4. Surface mounted on 1 inch2 Cu board.
2/6
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com