Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS9926 Datasheet(PDF) 1 Page - SemiWell Semiconductor

Part # SFS9926
Description  Dual N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SFS9926 Datasheet(HTML) 1 Page - SemiWell Semiconductor

  SFS9926 Datasheet HTML 1Page - SemiWell Semiconductor SFS9926 Datasheet HTML 2Page - SemiWell Semiconductor SFS9926 Datasheet HTML 3Page - SemiWell Semiconductor SFS9926 Datasheet HTML 4Page - SemiWell Semiconductor SFS9926 Datasheet HTML 5Page - SemiWell Semiconductor SFS9926 Datasheet HTML 6Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain to Source Voltage
20
V
ID
Continuous Drain Current(@TA = 25°C)
6.5
A
IDM
Drain Current Pulsed
(Note 1)
30
A
VGS
Gate to Source Voltage
±12
V
PD
Total Power Dissipation Single Operation (TA=25°C)
2.0
W
Total Power Dissipation Single Operation (TA=70°C)
1.28
W
TSTG, TJ
Operating Junction Temperature & Storage Temperature
- 55 ~ 150
°C
TL
Maximum Lead Temperature for soldering purpose,
1/8 from Case for 5 seconds.
300
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
Min.
Typ.
Max.
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 4)
-
-
62.5
°C/W
SFS9926
December, 2002. Rev. 0.
1/6
Features
■
Low RDS(on) (0.030Ω )@VGS=4.5V
Low RDS(on) (0.043Ω )@VGS=2.5V
■
Gate Charge (Typical 14nC)
■
Improved dv/dt Capability
■
Maximum Junction Temperature Range (150°C)
■
Available in Tape and Reel
General Description
This Power MOSFET is produced using SemiWell’s advanced
planar stripe, DMOS technology. This latest technology has been
especially designed to minimize on-state resistance, have a low
gate charge with superior switching performance, and rugged
avalanche characteristics. This Power MOSFET is well suited
for Battery protection circuit, Load switch and other power
management application.
SemiWell Semiconductor
Copyright@SemiWell Semiconductor Co., Ltd., All rights reserved.
Dual N-Channel MOSFET
8-SOIC
Symbol
G1
S1
S2
G2
D1
D2
D1
D2
D1
D1
D2
D2
S1
G1
G2
S2
1
2
3
4
5
6
7
8


Similar Part No. - SFS9926

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFS9926 ETC-SFS9926 Datasheet
1Mb / 6P
Dual N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SFS9926 VBSEMI-SFS9926 Datasheet
985Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
More results

Similar Description - SFS9926

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com