Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP30NF10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP30NF10
Description  N-CHANNEL 100V - 0.038 ohm - 35A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP30NF10 Datasheet(HTML) 1 Page - STMicroelectronics

  STP30NF10 Datasheet HTML 1Page - STMicroelectronics STP30NF10 Datasheet HTML 2Page - STMicroelectronics STP30NF10 Datasheet HTML 3Page - STMicroelectronics STP30NF10 Datasheet HTML 4Page - STMicroelectronics STP30NF10 Datasheet HTML 5Page - STMicroelectronics STP30NF10 Datasheet HTML 6Page - STMicroelectronics STP30NF10 Datasheet HTML 7Page - STMicroelectronics STP30NF10 Datasheet HTML 8Page - STMicroelectronics STP30NF10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
May 2002
.
STB30NF10
STP30NF10 STP30NF10FP
N-CHANNEL 100V - 0.038
Ω - 35A TO-220/TO-220FP/D2PAK
LOW GATE CHARGE STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.038 Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
s
SURFACE-MOUNTING D2PAK (TO-263)
POWER PACKAGE IN TUBE (NO SUFFIX) OR
IN TAPE & REEL (SUFFIX “T4”)
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
HIGH-EFFICIENCY DC-DC CONVERTERS
s
UPS AND MOTOR CONTROL
TYPE
VDSS
RDS(on)
ID
STB30NF10
STP30NF10
STP30NF10FP
100 V
100 V
100 V
<0.045
Ω
<0.045
Ω
<0.045
Ω
35 A
35 A
18 A
TO-220
1
2
3
TO-220FP
1
3
D2PAK
TO-263
(Suffix “T4”)
1
2
3
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
(1) ISD ≤30A, di/dt ≤400A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(2) Starting Tj = 25 oC, ID = 15A, VDD= 30V
Symbol
Parameter
Value
Unit
STB30NF10
STP30NF10
STP30NF10FP
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
100
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuous) at TC = 25°C
35
18
A
ID
Drain Current (continuous) at TC = 100°C
25
13
A
IDM(•)
Drain Current (pulsed)
140
72
A
Ptot
Total Dissipation at TC = 25°C
115
30
W
Derating Factor
0.77
0.2
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
28
V/ns
EAS (2)
Single Pulse Avalanche Energy
275
mJ
VISO
Insulation Withstand Voltage (DC)
------
2000
V
Tstg
Storage Temperature
-55 to 175
°C
Tj
Operating Junction Temperature


Similar Part No. - STP30NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP30NF10 STMICROELECTRONICS-STP30NF10 Datasheet
510Kb / 16P
N-channel 100V - 0.038Ω - 35A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
26-Jun-2006
logo
Inchange Semiconductor ...
STP30NF10 ISC-STP30NF10 Datasheet
253Kb / 2P
Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STP30NF10 VBSEMI-STP30NF10 Datasheet
949Kb / 7P
N-Channel 100-V (D-S) MOSFET
logo
STMicroelectronics
STP30NF10FP STMICROELECTRONICS-STP30NF10FP Datasheet
510Kb / 16P
N-channel 100V - 0.038Ω - 35A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
26-Jun-2006
logo
Inchange Semiconductor ...
STP30NF10FP ISC-STP30NF10FP Datasheet
313Kb / 2P
Isc N-Channel MOSFET Transistor
More results

Similar Description - STP30NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB14NF10 STMICROELECTRONICS-STB14NF10 Datasheet
464Kb / 11P
N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
June 2002
STP40NF10 STMICROELECTRONICS-STP40NF10 Datasheet
479Kb / 11P
N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Sep-2002
STP40N20 STMICROELECTRONICS-STP40N20 Datasheet
348Kb / 13P
N-CHANNEL 200V - 0.038 OHM - 40A TO-220/TO-247/D2PAK LOW GATE CHARGE STripFET MOSFET
03-Jun-2005
STB24NF10 STMICROELECTRONICS-STB24NF10_06 Datasheet
421Kb / 14P
N-channel 100V - 0.0055OHM - 26A - TO-220 - D2PAK Low gate charge STripFET TM II Power MOSFET
09-Aug-2006
STB14NF10 STMICROELECTRONICS-STB14NF10_07 Datasheet
516Kb / 16P
N-channel 100V - 0.115廓 - 15A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
19-Jun-2006
STB30NF10 STMICROELECTRONICS-STB30NF10_06 Datasheet
510Kb / 16P
N-channel 100V - 0.038Ω - 35A - D2PAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
26-Jun-2006
STP40NF20 STMICROELECTRONICS-STP40NF20 Datasheet
480Kb / 17P
N-channel 200V - 0.038Ω -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET??Power MOSFET
06-Jul-2007
STB35NF10 STMICROELECTRONICS-STB35NF10_06 Datasheet
427Kb / 14P
N-channel 100V - 0.030廓 - 40A - D2PAK/TO-220 Low gate charge STripFET??II Power MOSFET
26-Jun-2006
STF40N20 STMICROELECTRONICS-STF40N20 Datasheet
507Kb / 18P
N-channel 200V - 0.038 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET Power MOSFET
16-Aug-2006
STP80NF10FP STMICROELECTRONICS-STP80NF10FP Datasheet
226Kb / 12P
N-channel 100V - 0.012Ω - 38A - TO-220FP Low gate charge STripFET™ II Power MOSFET
11-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com