Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

057273U6R3JS2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 057273U6R3JS2
Description  Military Grade, Axial Leaded, Aluminum
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

057273U6R3JS2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  057273U6R3JS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 057273U6R3JS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 057273U6R3JS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 057273U6R3JS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Numbering System
057
120
U
250
FE
2
E
Type
Capacitance
Tolerance
Voltage
Case Code
Insulation
Epoxy Endseal
057
6R8 = 6.8 F
U =
10% + 75%
6R3 = 6.3 Vdc
See
0 = Bare Can
E = epoxy
120 = 12 F
T =
10% + 50%
050 = 50 Vdc
ratings
1 = Polyester
Blank = no epoxy
681 = 680 F
250 = 250 Vdc
2 = PVC
682 = 6800 F
Case
Inches
mm
Case
Inches
mm
Code
D
.016 L max
D
.41 L max
Code
D
.016
L max
D
.41
L max
FE
.635
1.250
16.13
31.75
HE
.885
1.250
22.48
31.75
FJ
.635
1.750
16.13
44.45
HJ
.885
1.750
22.48
44.45
FL
.635
2.250
16.13
57.15
HL
.885
2.250
22.48
57.15
FP
.635
2.750
16.13
69.85
HP
.885
2.750
22.48
69.85
FS
.635
3.250
16.13
82.55v
HS
.885
3.250
22.48
82.55
FT
.635
3.750
16.13
95.35
HT
.885
3.750
22.48
95.25
GE
.760
1.250
19.30
31.75
JE
1.010
1.250
25.65
31.75
GJ
.760
1.750
19.30
44.45
JJ
1.010
1.750
25.65
44.45
GL
.760
2.250
19.30
57.15
JL
1.010
2.250
25.65
GP
.760
2.750
19.30
69.85
JP
1.010
2.750
25.65
57.15
GS
.760
3.250
19.30
82.55
JS
1.010
3.250
25.65
69.85
GT
.760
3.750
19.30
92.25
JT
1.010
3.75
25.65
82.55
Insulated dimensions
Insulated dimensions
Case Dimensions
Typical Performance Curves
Temperature Characteristics - 3000
F @ 40 Vdc
Temperature Characteristics - 3000
F @ 40 Vdc
Impedance vs. Frequency - 7000
F @ 20 Vdc
Impedance vs. Frequency - 3000
F @ 40 Vdc
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 057 105 °C Military Grade, Axial Leaded, Aluminum
95.25



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com