Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM400D06AV3 Datasheet(PDF) 2 Page - SemiWell Semiconductor

Part # SIM400D06AV3
Description  ?쏦ALF-BRIDGE??IGBT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIWELL [SemiWell Semiconductor]
Direct Link  http://www.semiwellsemi.co.kr
Logo SEMIWELL - SemiWell Semiconductor

SIM400D06AV3 Datasheet(HTML) 2 Page - SemiWell Semiconductor

  SIM400D06AV3 Datasheet HTML 1Page - SemiWell Semiconductor SIM400D06AV3 Datasheet HTML 2Page - SemiWell Semiconductor SIM400D06AV3 Datasheet HTML 3Page - SemiWell Semiconductor SIM400D06AV3 Datasheet HTML 4Page - SemiWell Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
- 2 -
SIM400D06AV3
Preliminary
Electrical Characteristic Values (IGBT / DIODE) @ Tj = 25℃ (unless otherwise specified)
Parameters
Min
Typ
Max
Unit
Test conditions
Ciss
Input capacitance
ㅡ
24670
ㅡ
pF
VCE = 25V, VGE = 0V
f = 1 MHz
Coss
Output capacitance
ㅡ
1540
ㅡ
Crss
Reverse transfer capacitance
ㅡ
732
ㅡ
td(on)
Turn-on delay time
ㅡ
145
ㅡ
ns
Inductive Switching (125℃)
VCC = 300V
IC = 400A
, VGE = ±15V
RG = 2.2Ω
tr
Rise time
ㅡ
60
ㅡ
td(off)
Turn-off delay time
ㅡ
320
ㅡ
tf
Fall time
ㅡ
80
ㅡ
VBR
Cathode-Anode breakdown Voltage
600
ㅡ
ㅡ
V
IRM
Maximum Reverse Leakage Current
ㅡ
ㅡ
350
㎂
VR = 600V
trr
Reverse Recovery Time
ㅡ
125
ㅡ
ns
IF = 400A, VR = 300V
di / dt = 4000A /㎲
Qrr
Reverse Recovery Charge
ㅡ
20.3
ㅡ
µC
Thermal Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
RΘJC
Junction-to-Case (IGBT Part, Per 1/2 Module)
-
-
0.12
℃
/W
RΘJC
Junction-to-Case (Diode Part, Per 1/2 Module)
-
-
0.22
RΘCS
Case-to-Heat Sink (Conductive grease applied)
-
0.03
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com