Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

066R563U6R3JS2 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 066R563U6R3JS2
Description  Standard, Axial Leaded, Aluminum
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

066R563U6R3JS2 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  066R563U6R3JS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 066R563U6R3JS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 066R563U6R3JS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 066R563U6R3JS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 066R563U6R3JS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 066R563U6R3JS2 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Type 066/066R 85 °C & 105 °C, Standard, Axial Leaded, Aluminum
Ripple A
Nominal
Cap.
Catalog
ESR Max.
Ω
@ 85
°C
Size (in)
Part Number
120 Hz 20 kHz 120 Hz 20 kHz
D x L
300 Vdc (350 Vdc Surge) (cont’d)
270
066271U300JS2
0.280 0.141
1.7
2.2
1 x 3 1/8
270
066R271U300JT2
0.240 0.119
2.9
3.7
1 x 3 5/8
330
066331U300JT2
0.240 0.119
2.1
2.6
1 x 3 5/8
350 Vdc (400 Vdc Surge)
12
066120U350FE2
5.000 2.37
0.20
0.28
5/8 x 1 1/8
18
066180U350GE2
3.200 1.48
0.26
0.35
3/4 x 1 1/8
18
066R180U350GE2
3.200 1.48
0.36
0.50
3/4 x 1 1/8
22
066220U350FJ2
2.500 1.19
0.34
0.47
5/8 x 1 5/8
27
066270U350HE2
2.100 0.963
0.35
0.47
7/8 x 1 1/8
33
066330U350GJ2
1.600 0.741
0.44
0.6
3/4 x 1 5/8
33
066R330U350GJ2
1.600 0.741
0.62
0.84
3/4 x 1 5/8
39
066390U350JE2
1.500 0.719
0.44
0.59
1 x 1 1/8
56
066560U350HJ2
1.000 0.496
0.59
0.80
7/8 x 1 5/8
56
066R560U350HJ2
1.000 0.496
0.83
1.10
7/8 x 1 5/8
68
066680U350GP2
0.800 0.378
1.10
1.60
3/4 x 2 5/8
82
066820U350HL2
0.700 0.333
0.84
1.10
7/8 x 2 1/8
82
066R820U350HL2
0.700 0.333
1.2
1.60
7/8 x 2 1/8
120
066R121U350JL2
0.500 0.244
1.5
2.00
1 x 2 1/8
120
066121U350JL2
0.500 0.244
1.1
1.40
1 x 2 1/8
150
066151U350JP2
0.380 0.185
1.4
1.80
1 x 2 5/8
150
066R151U350JP2
0.380 0.185
1.9
2.60
1 x 2 5/8
180
066181U350JS2
0.310 0.148
1.7
2.20
1 x 3 1/8
180
066R181U350JS2
0.310 0.148
2.3
3.10
1 x 3 1/8
220
066221U350JT2
0.260 0.126
1.9
2.60
1 x 3 5/8
220
066R221U350JT2
0.260 0.126
2.7
3.60
1 x 3 5/8
400 Vdc (450 Vdc Surge)
10
066100U400FE2
5.400 2.370
0.19
0.27
5/8 x 1 1/8
12
066R120U400GE2
3.500 1.560
0.34
0.49
3/4 x 1 1/8
15
066150U400GE2
3.500 1.560
0.24
0.34
3/4 x 1 1/8
18
066180U400FJ2
2.700 1.190
0.32
0.46
5/8 x 1 5/8
22
066220U400HE2
2.300 1.040
0.33
0.46
7/8 x 1 1/8
27
066270U400GJ2
1.700 0.741
0.41
0.58
3/4 x 1 5/8
27
066R270U400GJ2
1.700 0.741
0.58
0.83
3/4 x 1 5/8
33
066330U400JE2
1.600 0.733
0.42
0.58
1 x 1 1/8
39
066R390U400HJ2
1.100 0.511
0.79
1.10
7/8 x 1 5/8
47
066470U400HJ2
1.100 0.511
0.56
0.78
7/8 x 1 5/8
56
066560U4OOGP2
0.870 0.393
1.1
1.5
3/4 x 2 5/8
56
066R560U400HL2
0.760 0.341
1.1
1.6
7/8 x 2 1/8
68
066680U400HL2
0.760 0.341
0.8
1.1
7/8 x 2 1/8
82
066R820U400JL2
0.550 0.244
1.4
2.0
1 x 2 1/8
100
066101U4O0JL2
0.550 0.244
1.0
1.4
1 x 2 1/8
100
066R101U400JP2
0.410 0.185
1.8
2.5
1 x 2 5/8
120
066121U400JP2
0.410 0.185
1.3
1.8
1 x 2 5/8
120
066R121U400JS2
0.330 0.148
2.2
3.1
1 x 3 1/8
150
066151U400JS2
0.330 0.148
1.6
2.2
1 x 3 l/8
150
066R151U400JT2
0.280 0.126
2.6
3.6
1 x 3 5/8
180
066181U400JT2
0.280 0.126
1.8
2.5
1 x 3 5/8
450 Vdc (500 Vdc Surge)
8.2
0668R2U450FE2
6.20
2.740
0.18
0.25
5/8 x 1 1/8
12
066120U450GE2
4.00
1.780
0.23
0.32
3/4 x 1 1/8
15
066150U450FJ2
3.10
1.410
0.30
0.43
5/8 x 1 5/8
18
066180U450HE2
2.60
1.190
0.31
0.44
7/8 x 1 1/8
27
066270U450GJ2
2.00
0.889
0.39
0.55
3/4 x 1 5/8
39
066390U450HJ2
1.30
0.585
0.52
0.73
7/8 x 1 5/8
47
066470U450GP2
1.00
0.444
1.00
1.40
3/4 x 2 5/8
56
066560U450HL2
0.87
0.393
0.75
1.00
7/8 x 2 1/8
82
066820U450JL2
0.63
0.281
0.94
1.30
1 x 2 1/8
100
066101U450JP2
0.47
0.215
1.20
1.70
1 x 2 5/8
120
066121U450JS2
0.38
0.170
1.50
2.00
1 x 3 1/8
150
066151U450JT2
0.32
0.148
1.70
2.40
1 x 3 5/8
Ripple A
Nominal
Cap.
Catalog
ESR Max.
Ω
@ 85
°C
Size (in)
( F)
Part Number
120 Hz 20 kHz 120 Hz 20 kHz
D x L
( F)
CDM Cornell Dubilier • 140 Technology Place. • Liberty, SC• 29657 • Phone: (864)843-2277 • Fax: (864) 843-3800 • www.cde.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com