Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2-70M Datasheet(PDF) 55 Page - STMicroelectronics

Part # PSD835G2-70M
Description  Configurable Memory System on a Chip for 8-Bit Microcontrollers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70M Datasheet(HTML) 55 Page - STMicroelectronics

Back Button PSD835G2-70M Datasheet HTML 51Page - STMicroelectronics PSD835G2-70M Datasheet HTML 52Page - STMicroelectronics PSD835G2-70M Datasheet HTML 53Page - STMicroelectronics PSD835G2-70M Datasheet HTML 54Page - STMicroelectronics PSD835G2-70M Datasheet HTML 55Page - STMicroelectronics PSD835G2-70M Datasheet HTML 56Page - STMicroelectronics PSD835G2-70M Datasheet HTML 57Page - STMicroelectronics PSD835G2-70M Datasheet HTML 58Page - STMicroelectronics PSD835G2-70M Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 110 page
background image
PSD8XX Family
PSD835G2
54
The
PSD835G2
Functional
Blocks
(cont.)
9.4.2 Port Operating Modes
The I/O Ports have several modes of operation. Some modes can be defined using
PSDsoft, some by the microcontroller writing to the Registers in CSIOP space, and some
by both. The modes that can only be defined using PSDsoft must be programmed into the
device and cannot be changed unless the device is reprogrammed. The modes that can be
changed by the microcontroller can be done so dynamically at run-time. The PLD I/O,
Data Port, Address Input, Peripheral I/O and MCU Reset modes are the only modes that
must be defined before programming the device. All other modes can be changed by the
microcontroller at run-time.
Table 16 summarizes which modes are available on each port. Table 17 shows how and
where the different modes are configured. Each of the port operating modes are described
in the following subsections.
Port Mode
Port A
Port B
Port C
Port D
Port E
Port F
Port G
MCU I/O
Yes
Yes
Yes
Yes
Yes
Yes
Yes
PLD I/O
McellA Outputs
Yes
No
No
No
No
No
No
McellB Outputs
No
Yes
No
No
No
No
No
Additional Ext. CS Outputs
No
No
Yes
No
No
Yes
No
PLD Inputs
Yes
Yes
Yes
Yes
No
Yes
No
Address Out
No
No
No
No
Yes
Yes
Yes
(A7-0)
(A7-0)
(A7-0)
or
(A15-8)
Address In
Yes
Yes
Yes
Yes
No
Yes
No
Data Port
No
No
No
No
No
Yes
No
Peripheral I/O
No
No
No
No
No
Yes
No
JTAG ISP
No
No
No
No
Yes*
No
No
Table 16. Port Operating Modes
*Can be multiplexed with other I/O functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com