Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB36NF03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB36NF03L
Description  N-CHANNEL 30V - 0.015 ohm - 36A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB36NF03L Datasheet(HTML) 1 Page - STMicroelectronics

  STB36NF03L Datasheet HTML 1Page - STMicroelectronics STB36NF03L Datasheet HTML 2Page - STMicroelectronics STB36NF03L Datasheet HTML 3Page - STMicroelectronics STB36NF03L Datasheet HTML 4Page - STMicroelectronics STB36NF03L Datasheet HTML 5Page - STMicroelectronics STB36NF03L Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STB36NF03L
N-CHANNEL 30V - 0.015
Ω - 36A D2PAK
LOW GATE CHARGE STripFET
™ POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.015
Ω
s
TYPICAL Qg = 18 nC @ 10V
s
OPTIMAL RDS(on) xQg TRADE-OFF
s
CONDUCTION LOSSES REDUCED
s
SWITCHING LOSSES REDUCED
DESCRIPTION
This application specific Power Mosfet is the third
generation of STMicroelectronics unique ”Single
Feature Size
™” strip-based process. The resul-
ting transistor shows the best trade-off between
on-resistance and gate charge. When used as
high and low side in buck regulators, it gives the
best performance in terms of both conduction and
switching losses. This is extremely important for
motherboards where fast switching and high effi-
ciency are of paramount importance.
APPLICATIONS
s
SPECIFICALLY DESIGNED AND
OPTIMISED FOR HIGH EFFICIENCY CPU
CORE DC/DC CONVERTERS
®
INTERNAL SCHEMATIC DIAGRAM
May 2000
1
3
D
2PAK
TO-263
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS =0)
30
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)30
V
VGS
G ate-source Volt age
± 20
V
ID
Drain Current (continuous) at Tc =25
oC36
A
ID
Drain Current (continuous) at Tc =100
oC25
A
IDM (
•)
Drain Current (pulsed)
144
A
Ptot
T otal Dissipat ion at Tc =25
oC75
W
Derating Factor
0.5
W /
o C
Tstg
Storage Temperature
-65 to 175
o C
Tj
Max. Operating Junction Temperature
175
o C
(
•) Pulse width limited by safe operating area
T YPE
VDSS
RDS(on)
ID
STB36NF03L
30 V
< 0. 02
Ω
36 A
ADD SUFFIX ”T4” FOR ORDERING IN TAPE & REEL
1/6


Similar Part No. - STB36NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB36NF02L STMICROELECTRONICS-STB36NF02L Datasheet
46Kb / 6P
N-CHANNEL 20V - 0.016 ohm - 36A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
Oct-1999
STB36NF06L STMICROELECTRONICS-STB36NF06L Datasheet
436Kb / 14P
N-channel 60V - 0.032ohm - 30A - TO-220 - D2PAK STripFET TM II Power MOSFET
26-Jun-2006
logo
Inchange Semiconductor ...
STB36NF06L ISC-STB36NF06L Datasheet
349Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STB36NF06LT4 VBSEMI-STB36NF06LT4 Datasheet
1Mb / 9P
N-Channel 60 V (D-S) MOSFET
More results

Similar Description - STB36NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB30NS15 STMICROELECTRONICS-STB30NS15 Datasheet
342Kb / 9P
N-CHANNEL 150V - 0.075 ohm - 30A D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Oct-2001
STB36NF02L STMICROELECTRONICS-STB36NF02L Datasheet
46Kb / 6P
N-CHANNEL 20V - 0.016 ohm - 36A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
Oct-1999
STB70NF03L STMICROELECTRONICS-STB70NF03L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.008 OHM - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
STB70NF3LL STMICROELECTRONICS-STB70NF3LL Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.008 ohm - 70A D2PAK LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STB85NF3LL STMICROELECTRONICS-STB85NF3LL Datasheet
428Kb / 9P
N-CHANNEL 30V - 0.006ohm - 85A D2PAK LOW GATE CHARGE STripFET™ I POWER MOSFET
Nov-2001
STB90NF03L STMICROELECTRONICS-STB90NF03L Datasheet
246Kb / 8P
N-CHANNEL 30V - 0.0056ohm - 90A D2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Oct-2001
STB90NF3LL STMICROELECTRONICS-STB90NF3LL Datasheet
175Kb / 7P
N-CHANNEL 30V - 0.0048 ohm - 80A D2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Sep-2002
STP36NF03L STMICROELECTRONICS-STP36NF03L Datasheet
46Kb / 6P
N-CHANNEL 30V - 0.015 ohm - 36A TO-220 LOW GATE CHARGE STripFET POWER MOSFET
Jan-2000
STS9NF30L STMICROELECTRONICS-STS9NF30L Datasheet
45Kb / 6P
N-CHANNEL 30V - 0.015 ohm - 9A SO-8 LOW GATE CHARGE STripFET POWER MOSFET
May-2000
STP70NF3LL STMICROELECTRONICS-STP70NF3LL Datasheet
481Kb / 10P
N-CHANNEL 30V - 0.0075 ohm - 70A D2PAK/TO-220 LOW GATE CHARGE STripFET II POWER MOSFET
Oct-2003
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com