Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT1P440C Datasheet(PDF) 2 Page - Isahaya Electronics Corporation

Part # RT1P440C
Description  Transistor With Resistor For Switching Application Silicon PNP Epitaxial Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISAHAYA [Isahaya Electronics Corporation]
Direct Link  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

RT1P440C Datasheet(HTML) 2 Page - Isahaya Electronics Corporation

  RT1P440C Datasheet HTML 1Page - Isahaya Electronics Corporation RT1P440C Datasheet HTML 2Page - Isahaya Electronics Corporation RT1P440C Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
〈Transistor〉
RT1P440X SERIES
Transistor With Resistor
For Switching Application
Silicon PNP Epitaxial Type
MAXIMUM RATING (Ta=25℃)
RATING
SYMBOL
PARAMETER
RT1P440U
RT1P440M
RT1P440C
RT1P440S
UNIT
V
CBO
Collector to Base voltage
-50
V
V
EBO
Emitter to Base voltage
-6
V
V
CEO
Collector to Emitter voltage
-50
V
I
 C
Collector current
-100
mA
I
 CM
Peak Collector current
-200
mA
P
C
Collector dissipation(Ta=25℃)
150
200
450
mW
Tj
Junction temperature
+150
+150
℃
Tstg
Storage temperature
-55∼+150
-55∼+150
℃
ELECTRICAL CHARACTERISTICS (Ta=25℃)
LIMIT
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
V
(BR)CEO
C to E break down voltage
I
 C=-100μA,RBE=∞
-50
V
I
 CBO
Collector cut off current
V
CB=-50V,I E =0
-0.1
μA
h
FE
DC forward current gain
V
CE=-5V,I C =-1mA
100
−
V
CE(sat)
C to E saturation voltage
I
 C =-10mA,I B =-0.5mA
-0.3
V
R
1
Input resistance
33
47
61
kΩ
f
T
Gain band width product
V
CE=-6V,I E =10mA
150
MHz
ISAHAYA ELECTRONICS CORPORATION
collector current - Input off voltage
-10
-100
-1000
-0
-0.2 -0.4 -0.6 -0.8
-1
-1.2 -1.4 -1.6 -1.8
-2
Input off voltage VI(OFF) (V)
VCE=-5V
Input on voltage-collector current
-0.1
-1
-10
-0.1
-1
-10
-100
collector current Ic (mA)
VCE=-0.2V
DC forward current gain -collector current
10
100
1000
-0.1
-1
-10
-100
collector current Ic(mA)
VCE=-5V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com