Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLR79 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CLR79
Description  Commercial Types TAT for CLR79 and TAX for CLR81
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CLR79 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CLR79 Datasheet HTML 1Page - List of Unclassifed Manufacturers CLR79 Datasheet HTML 2Page - List of Unclassifed Manufacturers CLR79 Datasheet HTML 3Page - List of Unclassifed Manufacturers CLR79 Datasheet HTML 4Page - List of Unclassifed Manufacturers CLR79 Datasheet HTML 5Page - List of Unclassifed Manufacturers CLR79 Datasheet HTML 6Page - List of Unclassifed Manufacturers CLR79 Datasheet HTML 7Page - List of Unclassifed Manufacturers CLR79 Datasheet HTML 8Page - List of Unclassifed Manufacturers CLR79 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Wet Tantalum - CLR 79 (MIL-C-39006/22)
CLR 81 (MIL-C-39006/25)
Operating Temperature:
-55°C to +125°C, with voltage derating above 85°C,
(Max voltage at 125ºC is 2/3 of the value at 85ºC)
Working Voltage:
6 to 125 WVdc
Tolerance:
±10%, ±20%, ±5%
Capacitance:
1.7 to 2200 µF
Key Features
•
Three volts reverse voltage capability
•
High ripple current capability
•
Tantalum case
•
Hermetically sealed
•
Low ESR, Low DCL
•
Extended range on TAX (M39006/25)
•
Standard high vibration and shock requirements on MIL type
Applications
• Filtering, bypass, coupling, energy storage
• Low source impedance circuits
• High charging current circuits
Outline Dimensions
Military Types CLR79 and CLR81 and CDE’s commercial
equivalent TAT and TAX, all with Teflon inner-seal, glass-to-
metal hermetic outer-seal, tantalum case construction, have higher
ripple current capability and are more reliable than silver case
units with their risk of short circuit failure from silver whiskers.
The tantalum case with its sintered and anodized cathode
connection affords a 3 V reverse voltage capability, and dc leakage
current as little as 2 µA at 125º C.
Commercial Types TAT for CLR79 and TAX for CLR81
General Specifications


Similar Part No. - CLR79

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CLR-12-10-L-P-A FESTO-CLR-12-10-L-P-A Datasheet
100Kb / 2P
Swing clamp cylinder
CLR-12-10-R-P-A FESTO-CLR-12-10-R-P-A Datasheet
100Kb / 2P
Swing clamp cylinder
CLR-12-20-L-P-A FESTO-CLR-12-20-L-P-A Datasheet
100Kb / 2P
Swing clamp cylinder
CLR-12-20-R-P-A FESTO-CLR-12-20-R-P-A Datasheet
100Kb / 2P
Swing clamp cylinder
CLR-16-10-L-P-A FESTO-CLR-16-10-L-P-A Datasheet
101Kb / 2P
Swing clamp cylinder
More results

Similar Description - CLR79

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
Various types of cables for frame grabber
logo
Panasonic Semiconductor
ECCTBC100DG PANASONIC-ECCTBC100DG Datasheet
244Kb / 5P
Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
logo
Vishay Siliconix
VS-95SQ015TR VISHAY-VS-95SQ015TR Datasheet
140Kb / 7P
Designed and qualified for commercial level
09-Sep-11
300074 VISHAY-300074 Datasheet
146Kb / 11P
Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
28-Aug-12
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
Suitable for most types of soldering processes
logo
Vishay Siliconix
M3900622-0557 VISHAY-M3900622-0557 Datasheet
146Kb / 11P
Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
28-Aug-12
M3900622 VISHAY-M3900622 Datasheet
146Kb / 11P
Wet Tantalum Capacitors, Military Established Reliability, MIL-PRF-39006/22/25 Qualified Styles CLR79, CLR81
28-Aug-12
logo
Panasonic Semiconductor
ECK-TBC472MF PANASONIC-ECK-TBC472MF Datasheet
248Kb / 5P
Ceramic Capacitors (Safety Regulations) For Surface Mounting Types BC and FC
logo
MERITEK ELECTRONICS COR...
CF MERITEK-CF Datasheet
86Kb / 1P
Economically priced for commercial and industrial applications
logo
TT Electronics.
QDN002 TTELEC-QDN002 Datasheet
453Kb / 2P
Reduces overshoot and undershoot for all data line types
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com