Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB3NC60 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB3NC60
Description  N - CHANNEL 600V - 3.3ohm- 3A - D2PAK/I2PAK PowerMESHII MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB3NC60 Datasheet(HTML) 2 Page - STMicroelectronics

  STB3NC60 Datasheet HTML 1Page - STMicroelectronics STB3NC60 Datasheet HTML 2Page - STMicroelectronics STB3NC60 Datasheet HTML 3Page - STMicroelectronics STB3NC60 Datasheet HTML 4Page - STMicroelectronics STB3NC60 Datasheet HTML 5Page - STMicroelectronics STB3NC60 Datasheet HTML 6Page - STMicroelectronics STB3NC60 Datasheet HTML 7Page - STMicroelectronics STB3NC60 Datasheet HTML 8Page - STMicroelectronics STB3NC60 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
THERMAL DATA
Rthj- ca se
Thermal Resistance Junction-case
Max
1. 56
oC/W
Rthj-a mb
Rthc -sin k
Tl
Thermal Resistance Junction-ambient
Max
Thermal Resistance Case-sink
Typ
Maximum Lead Temperature For Soldering Purpose
62.5
0.5
300
oC/W
oC/W
oC
AVALANCHE CHARACTERISTICS
Symbo l
Parameter
Max Valu e
Uni t
IAR
Avalanche Current, Repetitive or Not -Repet itive
(pulse width limit ed by Tj max)
3A
EAS
Single Pulse Avalanche Energy
(starting Tj =25
oC, ID =IAR,VDD =50 V)
100
mJ
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
OFF
Symbo l
Parameter
Test Cond iti ons
Mi n.
Typ .
Max.
Un it
V( BR)DSS
Drain-source
Breakdown Voltage
ID = 250
µAVGS =0
600
V
IDSS
Zero G ate Voltage
Drain Current (VGS =0)
VDS =Max Rating
VDS = Max Rating
Tc = 125
oC
1
50
µA
µA
IGSS
Gate-body Leakage
Current (VDS =0)
VGS =
± 30 V
± 100
nA
ON (
∗)
Symbo l
Parameter
Test Cond iti ons
Mi n.
Typ .
Max.
Un it
VGS(th )
Gate Threshold Voltage VDS =VGS
ID =250
µA
23
4
V
RDS(on )
Static Drain-source On
Resistance
VGS = 10V
ID = 1.5 A
3.3
3.6
ID(on)
On Stat e Drain Current
VDS >ID(on ) xRDS(on )max
VGS =10 V
3A
DYNAMIC
Symbo l
Parameter
Test Cond iti ons
Mi n.
Typ .
Max.
Un it
gfs (
∗)Forward
Transconductance
VDS >ID(on ) xRDS(on )max
ID =1.5 A
2
S
Cis s
Cos s
Crs s
Input Capacit ance
Output Capacitance
Reverse T ransf er
Capacitance
VDS = 25V
f = 1MHz
VGS = 0
400
57
7
pF
pF
pF
STB3NC60
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com