Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301R183U010HT2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 301R183U010HT2
Description  High Capacitance and Ultra-Low ESR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

301R183U010HT2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  301R183U010HT2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 301R183U010HT2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 301R183U010HT2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 301R183U010HT2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 301R183U010HT2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 301R183U010HT2 Datasheet HTML 6Page - List of Unclassifed Manufacturers 301R183U010HT2 Datasheet HTML 7Page - List of Unclassifed Manufacturers 301R183U010HT2 Datasheet HTML 8Page - List of Unclassifed Manufacturers 301R183U010HT2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CDM Cornell Dubilier
• 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 300/301 –55 ºC to 105 ºC Long-Life, Switching Power Grade Radial
Typical Performance Curves
300 - 3 leads 152 = 1500 µF M = ±20%
6R3 =6.3 V
0 = bare can E = epoxy
Type
Capacitance Tolerance
Voltage Case Code Insulation
Epoxy
301R
333
U
6R3
JS
2
E
Part Numbering System
300R- 3 leads, 102 = 1000 µF T = 10% +50% 063 = 63 Vdc
1 = Polyester
endseal
low ESR
U = –10 +75% 100 = 100 Vdc
2 = PVC
Blank = no
epoxy
301- 2 leads
8 = PVC
9 = Polyester w/standoffs*
301R- 2 leads, low ESR
w/standoffs*
301A- Laydown 3 leads
*Not available in .77” diameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com