Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

066822U025JS2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 066822U025JS2
Description  Standard, Axial Leaded, Aluminum
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

066822U025JS2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  066822U025JS2 Datasheet HTML 1Page - List of Unclassifed Manufacturers 066822U025JS2 Datasheet HTML 2Page - List of Unclassifed Manufacturers 066822U025JS2 Datasheet HTML 3Page - List of Unclassifed Manufacturers 066822U025JS2 Datasheet HTML 4Page - List of Unclassifed Manufacturers 066822U025JS2 Datasheet HTML 5Page - List of Unclassifed Manufacturers 066822U025JS2 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Typical Performance Curves
Type 066/066R 85 °C & 105 °C, Standard, Axial Leaded, Aluminum
Part Numbering System
066
682
U
6R3
JE
2
E
Type
Capacitance
Tolerance
Voltage
Case Code
Insulation
Epoxy Endseal
066
6R8=6.8 F
U= 10%+75%
6R3=6.3 Vdc
0 = Bare Can
E = Epoxy
066X
680=68 F
T= 10%+50%
063=63 Vdc
1 = Polyester
(blank) = No Epoxy
066R
681=680 F
100=100 Vdc
2 = PVC
682=6800 F
Case
Inches
mm
Case
Inches
mm
Code
D
.016
L max
D
.397
L max
Code
D
.016
L max
D
.397
L max
FE
.635
1.250
16.13
31.75
HE
.885
1.250
22.48
31.75
FJ
.635
1.750
16.13
44.45
HJ
.885
1.750
22.48
44.45
FL
.635
2.250
16.13
57.15
HL
.885
2.250
22.48
57.15
FP
.635
2.750
16.13
69.85
HP
.885
2.750
22.48
69.85
FS
.635
3.250
16.13
82.55
HS
.885
3.250
22.48
82.55
FT
.635
3.750
16.13
95.25
HT
.885
3.750
25.65
95.25
GE
.760
1.250
19.30
31.75
JE
1.010
1.250
25.65
31.75
GJ
.760
1.750
19.30
57.15
JJ
1.010
1.750
25.65
44.45
GL
.760
2.250
19.30
69.85
JL
1.010
2.250
25.65
44.45
GP
.760
2.750
19.30
69.85
JP
1.010
2.750
25.65
57.15
GS
.760
3.250
19.30
82.55
JS
1.010
3.250
25.65
69.85
GT
.760
3.750
19.30
95.25
JT
1.010
3.75
25.65
82.55
Case Dimensions
Impedance vs. Frequency - 800
F @ 25 Vdc
Temperature Characteristics - 800
F @ 25 Vdc
CDM Cornell Dubilier • 140 Technology Place. • Liberty, SC• 29657 • Phone: (864)843-2277 • Fax: (864) 843-3800 • www.cde.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com