Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMD12324P Datasheet(PDF) 2 Page - Emerging Memory & Logic Solutions Inc

Part # EMD12324P
Description  512M: 16M x 32 Mobile DDR SDRAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMD12324P Datasheet(HTML) 2 Page - Emerging Memory & Logic Solutions Inc

  EMD12324P Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EMD12324P Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EMD12324P Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EMD12324P Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EMD12324P Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EMD12324P Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EMD12324P Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EMD12324P Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EMD12324P Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
2
EMD12324P
512M: 16M x 32 Mobile DDR SDRAM
Rev 0.0
Preliminary
512M : 16M x 32bit Mobile DDR SDRAM
Table 1: ORDERING INFORMATION
NOTE :
1. EMLSI is not designed or manufactured for use in a device or system that is used under circumstance in which human life is potentially at stake.
Please contact to the memory marketing team in EMLSI when considering the use of a product contained herein for any specific purpose,
such as medical, aerospace, nuclear, military, vehicular or undersea repeater use.
Part No.
Max Freq.
Interface
Package
Remark
EMD12324P-60(DDR332)
166 (CL3), 111 (CL2)
LVCMOS
Wafer Biz.
EMD12324P-75(DDR266)
133 (CL3), 83 (CL2)
FEATURES
1.8V power supply, 1.8V I/O power
LVCMOS compatible with multiplexed address.
Double-data-rate architecture; two data transfers per clock
cycle
Bidirectional data strobe(DQS)
Four banks operation.
MRS cycle with address key programs.
CAS latency (2, & 3).
Burst length (2, 4, & 8).
Burst type (Sequential & Interleave).
Differential clock inputs(CK and CKB).
EMRS cycle with address key programs.
PASR(Partial Array Self Refresh).
DS (Driver Strength)
Internal auto TCSR
(Temperature Compensated Self Refresh)
Deep power-down(DPD) mode.
DM for write masking only.
Auto refresh and self refresh modes.
64
refresh period (8K cycle).
Operating temperature range (-25
~ 85 ).
GENERAL DESCRIPTION
This EMD12324P is 536,870,912 bits synchronous double data
rate Dynamic RAM. Each 134,217,728 bits bank is organized as
8,192 rows by 512columns by 32 bits, fabricated with EMLSI’s
high performance CMOS technology.
This device uses a double data rate architecture to achieve high-
speed operation. The double data rate architecture is essentially
a 2n-prefetch architecture with an interface designed to transfer
two data words per clock cycle at the I/O balls.
Range of operating frequencies, programmable burst lengths
and programmable latencies allow the same device to be useful
for a variety of high bandwidth and high performance memory
system applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com