Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC646SP16K Datasheet(PDF) 21 Page - Emerging Memory & Logic Solutions Inc

Part # EMC646SP16K
Description  4Mx16 bit CellularRAM AD-MUX
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EMC646SP16K Datasheet(HTML) 21 Page - Emerging Memory & Logic Solutions Inc

Back Button EMC646SP16K Datasheet HTML 17Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc EMC646SP16K Datasheet HTML 25Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
EMC646SP16K
4Mx16 CellularRAM AD-MUX
21
Preliminary
Software Access
Software access of the registers uses a sequence of asynchronous READ and asynchronous WRITE operations. The contents of the
configuration registers can be modified and all registers can be read using the software sequence.
The configuration registers are loaded using a four-step sequence consisting of two asynchronous READ operations followed by two
asynchronous WRITE operations (see Figure 13 on page 22). The READ sequence is virtually identical except that an asynchronous
READ is performed during the fourth operation (see Figure 14 on page 22). The address used during all READ and WRITE operations
is the highest address of the CellularRAM device being accessed (3FFFFFh); the contents of this address are not changed by using this
sequence.
The data value presented during the third operation (WRITE) in the sequence defines whether the BCR, RCR, or the DIDR is to be
accessed. If the data is 0000h, the sequence will access the RCR; if the data is 0001h, the sequence will access the BCR; if the data is
0002h, the sequence will access the DIDR. This value must be valid at the falling edge of WE#. During the fourth operation, DQ[15:0]
transfer data in to or out of bits 15:0 of the registers.
The use of the software sequence does not affect the ability to perform the standard (CRE-controlled) method of loading the
configuration registers. However, the software nature of this access mechanism eliminates the need for CRE. If the software mechanism
is used, CRE can simply be tied to VSS. The port line often used for CRE control purposes is no longer required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com